Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Analog Integrated Circuit Device Data
20
Freescale Semiconductor
33937
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 11. Typical Trickle Charge Pump Supply Voltage and Current Margin vs Supply Voltage
Figure 12. Typical Voltage and Load Margin For Increasing Junction Temperature at 14 V on HS_S
Typical Trickle Charge Pump Supply Voltage and Margin
0
4
8
12
16
20
24
5
1015
2025
3035
40
HS_S/Vsup (V)
0
2
4
6
8
10
12
I
dV
Trickle Charge Pump Load Margin and Supply Voltage at HS_S=Vsup=14V
7
8
9
10
11
12
13
14
15
16
17
20
40
60
80
100
120
140
160
180
Tj (C)
3
4
5
6
7
8
9
10
11
12
13
I
dV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com