Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33937
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CHARGE PUMP
Charge Pump
High Side Switch On Resistance
Low Side Switch On Resistance
Regulation Threshold Difference(15), (17)
RDS(on)_HS
RDS(on)_LS
VTHREG
–
–
250
6.0
5.0
500
10
9.4
900
Ω
Ω
mV
Charge Pump Output Voltage(16), (17)
IOUT = 40 mA, 6.0 V < VSYS < 8.0 V
IOUT = 40 mA, VSYS > = 8.0 V
VCP
8.5
12
9.5
–
–
–
V
GATE DRIVE
High Side Driver On Resistance (Sourcing)
VPWR = VSUP = 16 V, -40°C ≤ TA ≤ 25°C
VPWR = VSUP = 16 V, 25°C < TA ≤ 135°C
RDS(ON)_H_SRC
–
–
–
–
6.0
8.5
Ω
High Side Driver On Resistance (Sinking)
VPWR = VSUP = 16 V
RDS(ON)_H_SINK
–
–
3.0
Ω
High Side Current Injection Allowed Without Malfunction(17), (18)
IHS_INJ
–
–
0.5
A
Low Side Driver On Resistance (Sourcing)
VPWR = VSUP = 16 V, -40°C ≤ TA ≤ 25°C
VPWR = VSUP = 16 V, 25°C < TA ≤ 135°C
RDS(ON)_L_SRC
–
–
–
–
6.0
8.5
Ω
Low Side Driver On-Resistance (Sinking)
VPWR = VSUP = 16 V
RDS(ON)_L_SINK
–
–
3.0
Ω
Low Side Current Injection Allowed Without Malfunction(17), (18)
ILS_INJ
–
–
0.5
Α
Gate Source Voltage, VPWR = VSUP = 40 V
High Side, IGATE = 0(19)
Low Side, IGATE = 0
VGS_H
VGS_L
13
13
14.8
15.4
16.5
17
V
High Side Gate Drive Output Leakage Current, Per Output(20)
IHS_LEAK
–
–
18
µA
Notes
15.
When VLS is this amount below the normal VLS linear regulation threshold, the charge pump is enabled.
16.
VSYS is the system voltage on the input to the charge pump. With recommended external components (1.0 µF, MUR 120 diode). The
Charge Pump is designed to supply the gate currents of a system with 100 A FETs in a 12 V application.
17.
This parameter is a design characteristic, not production tested.
18.
Current injection only occurs during output switch transitions. The IC is immune to specified injected currents for a duration of
approximately 1.0µs after an output switch transition. 1.0 µs is sufficient for all intended applications of this IC.
19.
If a slightly higher gate voltage is required, larger bootstrap capacitors are required. At high duty cycles, the bootstrap voltage may not
recover completely, leading to a higher output on-resistance. This effect can be minimized by using low ESR capacitors for the bootstrap
and the VLS capacitors.
20.
A small internal charge pump will supply up to 30
μA nominal to compensate for leakage on the High Side FET gate output and maintain
voltages after bootstrap events. It is not intended for external components to be connected to the High Side FET gate, but small amounts
of additional leakage can be accommodated. See Figures 11 through 14 for typical load margins.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 8.0 V
≤ VPWR = VSUP ≤ 40 V, -40°C ≤ TA ≤ 135°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com