Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33937
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
NULL COMMANDS
This command is sent by sending binary 000x xxxx data. This can be used to read IC status in the SPI return word. Message
000x xx00 reads Status Register 0. Message 000x xx01 through 000x xx11 read additional internal registers.
MASK Command
This is the mask for interrupts. A bit set to “1” enables the corresponding interrupt. Because of the number of MASK bits, this
register is in two portions:
1. MASK0
2. MASK1
Both are accessed with 0010 xxxx and 0011 xxxx patterns respectively. Figure 20 illustrates how interrupts are enabled and
faults cleared.
CLINT0 and CLINT1 have the same format as MASK0 and MASK1 respectively, but the action is to clear the interrupt latch
and status register 0 bit corresponding to the lower nibble of the command.
INTERRUPT HANDLING
Figure 20. Interrupt Handling
Table 8. NULL Commands
SPI Data Bits
765
432
10
Write
000
x
x
x
0
0
Reset
NULL Commands are described in detail in the STATUS REGISTERS section of this document.
Table 9. MASK0 Register
SPI Data Bits
765
432
10
Write
001
0
x
x
x
x
Reset
11
11
Table 10. MASK1 Register
SPI Data Bits
765
432
10
Write
001
1
x
x
x
x
Reset
11
11
To Status Register
Various Faults
From Clint Command
From MASKx:N Register
Fault
net 0
net N
INT
INT Clear
INT Source
S
R
Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com