Electronic Components Datasheet Search
  English  ▼

X  

33937 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # 33937
Description  Three Phase Field Effect Transistor Pre-driver
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33937 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 33937 Datasheet HTML 39Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 40Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 41Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 42Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 43Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 44Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 45Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 46Page - Freescale Semiconductor, Inc 33937 Datasheet HTML 47Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 43 / 47 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
43
33937
PROTECTION AND DIAGNOSIS FEATURES
Figure 25. Power Dissipation Profile of Application Not Using Charge Pump
Reference application with:
• Output FET gate charge: 240 nC @ 10 V
• PWM Frequency: 20 kHz
• Switching Single Phase
• No connections to PUMP or VPUMP
• VPWR connected to VSYS
If VPWR is supplied by a separate pre-regulator, the power dissipation profile will be nearly flat at the value of the pre-regulator
voltage for all VSYS voltages.
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.900
1.000
1.100
1.200
1.300
1.400
1.500
10
15
20
25
30
35
40
45
50
55
60
Supply Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com