Electronic Components Datasheet Search
  English  ▼

X  

SAF7115 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SAF7115
Description  Multistandard video decoder with super-adaptive comb filter,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7115 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SAF7115 Datasheet HTML 13Page - NXP Semiconductors SAF7115 Datasheet HTML 14Page - NXP Semiconductors SAF7115 Datasheet HTML 15Page - NXP Semiconductors SAF7115 Datasheet HTML 16Page - NXP Semiconductors SAF7115 Datasheet HTML 17Page - NXP Semiconductors SAF7115 Datasheet HTML 18Page - NXP Semiconductors SAF7115 Datasheet HTML 19Page - NXP Semiconductors SAF7115 Datasheet HTML 20Page - NXP Semiconductors SAF7115 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
SAF7115_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 October 2008
17 of 35
NXP Semiconductors
SAF7115
Multistandard video decoder
[1]
This setting connects pin AOUT to ground.
[2]
Controlled through chip enable input (CE) from normal operation mode at typical supply voltage of VDDD =VDDA = 3.3 V.
[3]
I2C-bus controlled through subaddress 88h set to xx00 1011b.
[4]
The ADC gain difference is
.
[5]
VCC(I2C-bus) is the external supply voltage of the I2C-bus (3.3 V or 5 V).
[6]
The levels must be measured with load circuits; 1.2 k
Ω at 3 V (TTL load); C
L =50pF.
[7]
The effects of rise and fall times are included in the calculation of th(Q) and tPD. Timings and levels refer to drawings and conditions
illustrated in Figure 3 and Figure 4.
[8]
Valid for outputs: XPD [7:0], XRH, XRV, XDQ, RTS0, RTS1, RTCO
[9]
Valid for inputs: XPD [7:0], HPD [7:0], XRH, XRV, XDQ
[10] Valid for output: XRDY
[11] Valid for outputs: IPD [7:0], HPD [7:0], IGPH, IGPV, IDQ, IGP1, IGP0
[12] Valid for input: ITRDY
tr
rise time
0.6 V to 2.6 V
-
-
5
ns
tf
fall time
2.6 V to 0.6 V
-
-
5
ns
Data and control signal output timing I-port, related to ICLK output (for IPCK[1:0] 87h[5:4] = 11b)
Co(L)
output load capacitance at all outputs
15
-
50
pF
th(Q)
data output hold time
[11] 3-
-
ns
tPD
propagation delay
[11] -
-
23
ns
Data and control signal input timing I-port, related to ICLK output (for IPCK[1:0] 87h[5:4] = 11b)
tsu(D)
data input set-up time
[12] 18
-
-
ns
th(D)
data input hold time
[12] --
−2ns
Data and control signal output timing I-port, related to ICLK input (for IPCK[1:0] 87h[5:4] = 11b)
Co(L)
output load capacitance at all outputs
15
-
50
pF
th(Q)
data output hold time
[11] 3-
-
ns
tPD
propagation delay
from positive edge of LLC
output
[11] -
-
23
ns
Data and control signal input timing I-port, related to ICLK input (for IPCK[1:0] 87h[5:4] = 01b)
tsu(D)
data input set-up time
[12] 12
-
-
ns
th(D)
data input hold time
[12] --
2
ns
AMCLK clock output
Co(L)
output load capacitance
15
-
50
pF
tr
rise time
0.6 V to 2.6 V
-
-
5
ns
tf
fall time
2.6 V to 0.6 V
-
-
5
ns
Table 7.
Characteristics …continued
VDDD = 3.0 V to 3.6 V; VDDA = 3.1 V to 3.5 V; Tamb =25 °C; timings and levels refer to drawings and conditions illustrated in
Figure 3 and Figure 4; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
∆G
ADC
maximum deviation
minimum deviation
------------------------------------------------
1
–


100
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com