Electronic Components Datasheet Search
  English  ▼

X  

SAF7115 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # SAF7115
Description  Multistandard video decoder with super-adaptive comb filter,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7115 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button SAF7115 Datasheet HTML 10Page - NXP Semiconductors SAF7115 Datasheet HTML 11Page - NXP Semiconductors SAF7115 Datasheet HTML 12Page - NXP Semiconductors SAF7115 Datasheet HTML 13Page - NXP Semiconductors SAF7115 Datasheet HTML 14Page - NXP Semiconductors SAF7115 Datasheet HTML 15Page - NXP Semiconductors SAF7115 Datasheet HTML 16Page - NXP Semiconductors SAF7115 Datasheet HTML 17Page - NXP Semiconductors SAF7115 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
SAF7115_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 October 2008
14 of 35
NXP Semiconductors
SAF7115
Multistandard video decoder
9.
Characteristics
Table 7.
Characteristics
VDDD = 3.0 V to 3.6 V; VDDA = 3.1 V to 3.5 V; Tamb =25 °C; timings and levels refer to drawings and conditions illustrated in
Figure 3 and Figure 4; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDDA0
analog supply voltage 0
for CGC1 and CGC2
3.1
3.3
3.5
V
VDDA1
analog supply voltage 1
for analog inputs AI1x
3.1
3.3
3.5
V
VDDA2
analog supply voltage 2
for analog inputs AI2x
3.1
3.3
3.5
V
VDDA(XTAL)
crystal analog supply
voltage
3.1
3.3
3.5
V
VDDD(CORE) core digital supply
voltage
3.0
3.3
3.6
V
VDDD(IO)
I/O digital supply
voltage
3.0
3.3
3.6
V
IDDA
analog supply current
VDDAx = 3.3 V; bits
AOSL1 and AOSL0 = 0b
[1]
CVBS mode
-
81
-
mA
Y/C mode
-
142
-
mA
IDDD
digital supply current
X-port 3-state; 8-bit I-port
out
-
108
-
mA
P
power dissipation
digital part; open pin AOUT
-
356
-
mW
analog part; VDDAx = 3.3 V
CVBS mode
-
267
-
mW
Y/C mode
-
468
-
mW
analog and digital parts
CVBS mode
-
623
-
mW
Y/C mode
-
825
-
mW
power-down mode
[2] -7
-
mW
power-save mode
[3] -
115
-
mW
Analog part
Vi(p-p)
peak-to-peak input
voltage
for normal video levels
1 V (p-p),
−3dB
termination 18
Ω to 56 Ω
and AC coupling required;
coupling capacitor is 47 nF
-
0.7
-
V
ICL
clamping current
VI =1VDC
-
±8-
µA
|Zi|
input impedance
clamping current off
200
-
-
k
Ω
Ci
input capacitance
-
-
10
pF
αcs
channel separation
fi < 5 MHz
-
-
−50
dB
9-bit analog-to-digital converters
B
bandwidth
at
−3 dB
-
7
-
MHz
ϕdif
differential phase
amplifier plus anti-alias
filter bypassed
-
2
-
deg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com