Electronic Components Datasheet Search
  English  ▼

X  

SAF7115 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAF7115
Description  Multistandard video decoder with super-adaptive comb filter,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7115 Datasheet(HTML) 3 Page - NXP Semiconductors

  SAF7115 Datasheet HTML 1Page - NXP Semiconductors SAF7115 Datasheet HTML 2Page - NXP Semiconductors SAF7115 Datasheet HTML 3Page - NXP Semiconductors SAF7115 Datasheet HTML 4Page - NXP Semiconductors SAF7115 Datasheet HTML 5Page - NXP Semiconductors SAF7115 Datasheet HTML 6Page - NXP Semiconductors SAF7115 Datasheet HTML 7Page - NXP Semiconductors SAF7115 Datasheet HTML 8Page - NXP Semiconductors SAF7115 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
SAF7115_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 October 2008
3 of 35
NXP Semiconductors
SAF7115
Multistandard video decoder
I Independent Brightness Contrast Saturation (BCS) - adjustment for decoder part
I User programmable sharpness control
I Detection of copy protected input signals:
N According to Macrovision standard
N Indicating the level of protection
I Automatic TV/VCR detection
I 10-bit wide video output at comb filter video decoder
I X-port video output either as:
N Noise shaped 8-bit ITU-656 video or
N Full 10-bit ITU-656 interface (DC-performance 9-bit)
2.3 Video scaler
I Horizontal and vertical down-scaling and up-scaling to randomly sized windows
I Horizontal and vertical scaling range: variable zoom to 1/64 (icon) (note: H and V
zoom are restricted by the transfer data rates)
I Vertical scaling with linear phase interpolation and accumulating filter for anti-aliasing
(6-bit phase accuracy)
I Conversion to square pixel format
I Generation of a video output stream with improved synchronization grid at the I-port
I Two independent programming sets for scaler part, to define two regions (e.g. for
different scaling for VBI and active picture) per field or sequences over frames
I Fieldwise switching between decoder part and expansion port (X-port) input
I Brightness, contrast and saturation controls for scaled outputs
2.4 VBI data slicer
I Versatile VBI-data decoder, slicer, clock regeneration and byte synchronization, e.g.:
N WST525/WST625 (CCST)
N VPS
N US/European Close Caption (CC)
N WSS525 (CGMS), WSS625
N US NABTS
N VITC 525/VITC 625
N Gemstar 1x
N Gemstar 2x
N Moji
I I2C-bus read-back of the following decoded data types:
N US Close Caption (CC)
N European Close Caption (CC)
N WSS525 (CGMS)
N WSS625 (CGMS)
N Gemstar 1x
N Gemstar 2x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com