Electronic Components Datasheet Search
  English  ▼

X  

SAF7115 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAF7115
Description  Multistandard video decoder with super-adaptive comb filter,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7115 Datasheet(HTML) 4 Page - NXP Semiconductors

  SAF7115 Datasheet HTML 1Page - NXP Semiconductors SAF7115 Datasheet HTML 2Page - NXP Semiconductors SAF7115 Datasheet HTML 3Page - NXP Semiconductors SAF7115 Datasheet HTML 4Page - NXP Semiconductors SAF7115 Datasheet HTML 5Page - NXP Semiconductors SAF7115 Datasheet HTML 6Page - NXP Semiconductors SAF7115 Datasheet HTML 7Page - NXP Semiconductors SAF7115 Datasheet HTML 8Page - NXP Semiconductors SAF7115 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
SAF7115_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 October 2008
4 of 35
NXP Semiconductors
SAF7115
Multistandard video decoder
2.5 Clock generation
I On-chip line locked clock generation according ITU-601
I Generation of a frame locked audio master clock to support a constant number of
audio clocks per video field
I Second onboard analog Phase-Locked Loop (PLL) to be used for:
N On-chip line locked square pixel clock generation for PAL and NTSC square pixel
video output or
N The generation of a low jitter frame locked audio clock from the audio master clock
through reuse of the analog square pixel PLL. The audio clock frequencies
supported are 256
× f
s, 384 × fs and 512 × fs (fs = 32 kHz, 44.1 kHz or 48 kHz)
2.6 General features
I CMOS 3.3 V device with 5 V tolerant digital inputs and I/O ports
I Programming through serial I2C-bus, full read-back ability by an external controller,
bit-rate up to 400 kbit/s
I Software controlled power saving stand-by modes
I Boundary Scan Test circuit complies to the IEEE Std. 1149.b1-1994
3.
Applications
I General industrial video applications
I In-car TV reception
I In-car entertainment
I In-car navigation platforms
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
SAF7115HW
HTQFP100
plastic thermal enhanced thin quad flat package; 100 leads; body
14
× 14 × 1 mm; exposed die pad
SOT638-1
SAF7115ET
TFBGA160
plastic thin fine-pitch ball grid array package; 160 balls
SOT1016-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com