Electronic Components Datasheet Search
  English  ▼

X  

SAF7115 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SAF7115
Description  Multistandard video decoder with super-adaptive comb filter,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7115 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SAF7115 Datasheet HTML 19Page - NXP Semiconductors SAF7115 Datasheet HTML 20Page - NXP Semiconductors SAF7115 Datasheet HTML 21Page - NXP Semiconductors SAF7115 Datasheet HTML 22Page - NXP Semiconductors SAF7115 Datasheet HTML 23Page - NXP Semiconductors SAF7115 Datasheet HTML 24Page - NXP Semiconductors SAF7115 Datasheet HTML 25Page - NXP Semiconductors SAF7115 Datasheet HTML 26Page - NXP Semiconductors SAF7115 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
SAF7115_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 October 2008
23 of 35
NXP Semiconductors
SAF7115
Multistandard video decoder
12. Package outline
Fig 7.
Package outline HTQFP100 (SOT638-1)
UNIT
A
max.
A1
A2
A3
bp
HD
HE
Lp
ZD
(1)
ZE
(1)
ce
L
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.2
0.15
0.05
1.05
0.95
0.25
0.27
0.17
0.20
0.09
14.1
13.9
0.5
16.15
15.85
1.15
0.85
7
°
0
°
0.08
0.08
0.2
1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.75
0.45
SOT638-1
MS-026
03-04-07
05-02-02
D(1)
E(1)
14.1
13.9
16.15
15.85
Dh
Eh
7.1
6.1
7.1
6.1
1.15
0.85
bp
bp
e
θ
E
A1
A
Lp
detail X
L
(A3)
B
25
HD
HE
A2
v M B
D
ZD
A
c
ZE
e
v M A
X
1
100
76
75
51
50
26
y
pin 1 index
w M
w M
0
10 mm
scale
HTQFP100: plastic thermal enhanced thin quad flat package; 100 leads;
body 14 x 14 x 1 mm; exposed die pad
SOT638-1
Dh
Eh
exposed die pad side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com