Electronic Components Datasheet Search
  English  ▼

X  

SAF7115 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SAF7115
Description  Multistandard video decoder with super-adaptive comb filter,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7115 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SAF7115 Datasheet HTML 3Page - NXP Semiconductors SAF7115 Datasheet HTML 4Page - NXP Semiconductors SAF7115 Datasheet HTML 5Page - NXP Semiconductors SAF7115 Datasheet HTML 6Page - NXP Semiconductors SAF7115 Datasheet HTML 7Page - NXP Semiconductors SAF7115 Datasheet HTML 8Page - NXP Semiconductors SAF7115 Datasheet HTML 9Page - NXP Semiconductors SAF7115 Datasheet HTML 10Page - NXP Semiconductors SAF7115 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
SAF7115_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 October 2008
7 of 35
NXP Semiconductors
SAF7115
Multistandard video decoder
[1]
See Table 4.
77
TEST3
78
TEST4
79
TEST5
80
XTRI
81
XPD7
82
XPD6
83
VDDD(CORE)
84
XPD5
85
XPD4
86
XPD3
87
XPD2
88
VSSD(CORE)
89
XPD1
90
XPD0
91
XRV
92
XRH
93
VDDD(CORE)
94
XCLK
95
XDQ
96
XRDY
97
TRST_N[1]
98
TCK[1]
99
TMS[1]
100
VSSD(IO)
Table 3.
Pin allocation table (TFBGA160)[1]
Pin
Symbol
Pin
Symbol
Pin
Symbol
Pin
Symbol
Row A
A1
VDDD(IO)
A2
TMS[2]
A3
TRST_N[2]
A4
XRDY
A5
XCLK
A6
XRH
A7
XPD0
A8
VSSD(CORE)
A9
XPD3
A10 XPD5
A11 XPD6
A12 XTRI
A13 TEST4
A14 VDDD(IO)
--
--
Row B
B1
XTOUT
B2
TDO[2]
B3
TCK[2]
B4
XDQ
B5
VDDD(CORE)
B6
XRV
B7
XPD1
B8
XPD2
B9
XPD4
B10 VDDD(CORE)
B11 XPD7
B12 TEST5
B13 TEST2
B14 TEST3
-
-
-
-
Row C
C1
XTALO
C2
TDI[2]
C13 HPD0
C14 TEST1
Row D
D1
XTALI
D2
VSSA(XTAL)
D4
VSSD(IO)
D5
VSSD(IO)
D6
VSSD(IO)
D7
VSSD(IO)
D8
VSSD(IO)
D9
VSSD(IO)
D10 VSSD(IO)
D11 VSSD(IO)
D13 HPD2
D14 HPD1
Row E
E1
VDDA(XTAL)
E2
VSSA
E4
VSSD(IO)
E5
VSSD(IO)
E6
VSSD(IO)
E7
VSSD(IO)
E8
VSSD(IO)
E9
VSSD(IO)
E10 VSSD(IO)
E11 VSSD(IO)
E13 VDDD(CORE)
E14 HPD3
Row F
F1
VDDA2
F2
AI24
F4
VSSD(IO)
F5
VSSD(IO)
F6
VSSD(IO)
F7
VSSD(IO)
F8
VSSD(IO)
F9
VSSD(IO)
F10 VSSD(IO)
F11 VSSD(IO)
F13 HPD5
F14 HPD4
Row G
G1
AI23
G2
AI2D
G4
VSSD(IO)
G5
VSSD(IO)
G6
VSSD(IO)
G7
VSSD(IO)
G8
VSSD(IO)
G9
VSSD(IO)
G10 VSSD(IO)
G11 VSSD(IO)
G13 HPD7
G14 HPD6
Row H
H1
AI22
H2
VSSA
H4
VSSD(IO)
H5
VSSD(IO)
H6
VSSD(IO)
H7
VSSD(IO)
H8
VSSD(IO)
H9
VSSD(IO)
Table 2.
Pin allocation table (HTQFP100) …continued
Pin
Symbol
Pin
Symbol
Pin
Symbol
Pin
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com