Electronic Components Datasheet Search
  English  ▼

X  

SAF7115 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SAF7115
Description  Multistandard video decoder with super-adaptive comb filter,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7115 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SAF7115 Datasheet HTML 8Page - NXP Semiconductors SAF7115 Datasheet HTML 9Page - NXP Semiconductors SAF7115 Datasheet HTML 10Page - NXP Semiconductors SAF7115 Datasheet HTML 11Page - NXP Semiconductors SAF7115 Datasheet HTML 12Page - NXP Semiconductors SAF7115 Datasheet HTML 13Page - NXP Semiconductors SAF7115 Datasheet HTML 14Page - NXP Semiconductors SAF7115 Datasheet HTML 15Page - NXP Semiconductors SAF7115 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
SAF7115_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 October 2008
12 of 35
NXP Semiconductors
SAF7115
Multistandard video decoder
[1]
A = analog, I = input, O = output, P = power, st = strapping, pu = pull-up, pd = pull-down, od = open-drain.
[2]
For CGC1 and CGC2.
[3]
For analog inputs AI1x.
[4]
For analog inputs AI2x.
[5]
For normal operation connect pins AI1D and AI2D to ground through a capacitor. In principle both analog input stages can operate in
differential mode, too, depending on the application. This may be interesting for differential video (CVBS). Please contact NXP for more
information.
[6]
This contains information about actual system clock frequency, field rate, odd/even sequence, decoder status, subcarrier phase and
frequency and PAL sequence (according to RTC level 3.1, refer to external document
RTC Functional Specification for details), can be
strapped to supply through a 3.3 k
Ω resistor to change the default I2C-bus read and write addresses from 42h and 43h (internal
pull-down) to 40h and 41h.
[7]
According to the
IEEE1149.b1-1994 standard pins TDI and TMS are input pins with an internal pull-up transistor and TDO is a 3-state
output pin. Pins TCK and TRST_N are also built with internal pull-up.
[8]
This pin provides easy initialization of BST circuitry. Pin TRST_N can be used to force the Test Access Port (TAP) controller to the
test-logic-reset state (normal operation) at once.
XRDY
96
A4
O
task flag or read signal from scaler, controlled by bit XRQT
(subaddress 83h)
XRH
92
A6
I/O
horizontal reference I/O expansion-port: in 10-bit video output
mode: this signal represents the video bit 1
XRV
91
B6
I/O
vertical reference I/O expansion-port: in 10-bit video output mode:
this signal represents the video bit 0 (LSB)
XTRI
80
A12
I/pd
X-port output control signal, affects all X-port pins (XPD[7:0],
XRH, XRV, XDQ and XCLK) enable and active polarity is under
software control (bits XPE in subaddress 83h)
Host port (H-port)
HPD7
64
G13
I/O
MSB of host port data I/O, carries CbCr chrominance information
in 16-bit video I/O modes
HPD6
65
G14
I/O
MSB
− 1 of host port data I/O, carries CbCr chrominance
information in 16-bit video I/O modes
HPD5
66
F13
I/O
MSB
− 2 of host port data I/O, carries CbCr chrominance
information in 16-bit video I/O modes
HPD4
67
F14
I/O
MSB
− 3 of host port data I/O, carries CbCr chrominance
information in 16-bit video I/O modes
HPD3
69
E14
I/O
MSB
− 4 of host port data I/O, carries CbCr chrominance
information in 16-bit video I/O modes
HPD2
70
D13
I/O
MSB
− 5 of host port data I/O, carries CbCr chrominance
information in 16-bit video I/O modes
HPD1
71
D14
I/O
MSB
− 6 of host port data I/O, carries CbCr chrominance
information in 16-bit video I/O modes
HPD0
72
C13
I/O
LSB of host port data I/O, carries CbCr chrominance information
in 16-bit video I/O modes
Table 4.
Pin description …continued
Symbol
Pin
Type[1]
Description
HTQFP100
TFBGA160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com