Electronic Components Datasheet Search
  English  ▼

X  

SAF7115 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAF7115
Description  Multistandard video decoder with super-adaptive comb filter,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAF7115 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAF7115 Datasheet HTML 7Page - NXP Semiconductors SAF7115 Datasheet HTML 8Page - NXP Semiconductors SAF7115 Datasheet HTML 9Page - NXP Semiconductors SAF7115 Datasheet HTML 10Page - NXP Semiconductors SAF7115 Datasheet HTML 11Page - NXP Semiconductors SAF7115 Datasheet HTML 12Page - NXP Semiconductors SAF7115 Datasheet HTML 13Page - NXP Semiconductors SAF7115 Datasheet HTML 14Page - NXP Semiconductors SAF7115 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
SAF7115_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 15 October 2008
11 of 35
NXP Semiconductors
SAF7115
Multistandard video decoder
IGP0
48
P12
O
general purpose output signal 0; image port (controlled by
subaddresses 84h and 85h)
IGPH
53
N14
O
multipurpose horizontal reference output signal; image port
(controlled by subaddresses 84h and 85h)
IGPV
52
P13
O
multipurpose vertical reference output signal; image port
(controlled by subaddresses 84h and 85h)
IPD7
54
M13
O
MSB of image port data output
IPD6
55
M14
O
MSB
− 1 of image port data output
IPD5
56
L13
O
MSB
− 2 of image port data output
IPD4
57
L14
O
MSB
− 3 of image port data output
IPD3
59
K14
O
MSB
− 4 of image port data output
IPD2
60
J13
O
MSB
− 5 of image port data output
IPD1
61
J14
O
MSB
− 6 of image port data output
IPD0
62
H13
O
LSB of image port data output
ITRDY
42
P9
I/pu
target ready input, image port (with internal pull-up)
ITRI
47
N12
I (/O)/pd
image port output control signal, affects all I-port pins including
ICLK, enable and active polarity is under software control (bits
IPE in subaddress 87h) output path used for testing: scan output
Expansion port (X-port)
XCLK
94
A5
I/O
clock I/O expansion port
XDQ
95
B4
I/O
data qualifier I/O expansion port
XPD7
81
B11
I/O
MSB of expansion-port data: in 8-bit video output mode: this
signal represents the video bit 7; in 10-bit video output mode: this
signal represents the video bit 9
XPD6
82
A11
I/O
MSB
− 1 of expansion-port data: in 8-bit video output mode: this
signal represents the video bit 6; in 10-bit video output mode: this
signal represents the video bit 8
XPD5
84
A10
I/O
MSB
− 2 of expansion-port data: in 8-bit video output mode: this
signal represents the video bit 5; in 10-bit video output mode: this
signal represents the video bit 7
XPD4
85
B9
I/O
MSB
− 3 of expansion-port data: in 8-bit video output mode: this
signal represents the video bit 4; in 10-bit video output mode: this
signal represents the video bit 6
XPD3
86
A9
I/O
MSB
− 4 of expansion-port data: in 8-bit video output mode: this
signal represents the video bit 3; in 10-bit video output mode: this
signal represents the video bit 5
XPD2
87
B8
I/O
MSB
− 5 of expansion-port data: in 8-bit video output mode: this
signal represents the video bit 2; in 10-bit video output mode: this
signal represents the video bit 4
XPD1
89
B7
I/O
MSB
− 6 of expansion-port data: in 8-bit video output mode: this
signal represents the video bit 1; in 10-bit video output mode: this
signal represents the video bit 3
XPD0
90
A7
I/O
expansion-port data: in 8-bit video output mode: this signal
represents the video bit 0 (LSB); in 10-bit video output mode: this
signal represents the video bit 2
Table 4.
Pin description …continued
Symbol
Pin
Type[1]
Description
HTQFP100
TFBGA160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com