Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC) Silicon Revision 1.1
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 2Page - Texas Instruments TMS320DM335 Datasheet HTML 3Page - Texas Instruments TMS320DM335 Datasheet HTML 4Page - Texas Instruments TMS320DM335 Datasheet HTML 5Page - Texas Instruments TMS320DM335 Datasheet HTML 6Page - Texas Instruments TMS320DM335 Datasheet HTML 7Page - Texas Instruments TMS320DM335 Datasheet HTML 8Page - Texas Instruments TMS320DM335 Datasheet HTML 9Page - Texas Instruments TMS320DM335 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
1.2
Revision Identification
DAVINCI
DM335ZCE216
#x-#######
DeviceRevisionCode
TMS320
DeviceSpeedGrade
(Lastthreenumbers)
Introduction
www.ti.com
Predictions show that prototype devices (TMX or TMP) have a greater failure rate than the standard
production devices. Texas Instruments recommends that these devices not be used in any production
system because their expected end-use failure rate still is undefined. Only qualified production devices are
to be used.
Figure 1 provide examples of the TMS320DM335 and device markings. The device revision can be
determined by the symbols marked on the top of the package. Some prototype devices may have
markings different from those illustrated.
Figure 1. Example, Device Revision Codes for TMS320DM335 (ZCE)
NOTES:
A. Qualified devices are marked with the letters "TMS" at the beginiing of the device name, while
nonqualified devices are marked with the letters "TMX" or "TMP" at the beginning of the device name.
B. "#" denotes an alphanumeric character. "x" denotes an alpha character only.
Silicon revision is identified by a code on the chip as shown in Figure 1. If x is "blank", then the silicon is
revision 1.1. Table 1 lists the silicon revisions associated with each device revision code for the DM335
device.
Table 1. Device Silicon Revisions
Device Revision Code
SILICON REVISION
COMMENTS
(x)
(blank)
Indicates Revision 1.1
TMS320DM335ZCE135, TMS320DM335ZCE216,
TMS320DM335ZCE270
6
TMS320DM335 Digital Media System-on-Chip (DMSoC)
SPRZ287A – July 2008 – Revised October 2008
Silicon Revision 1.1
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com