Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC) Silicon Revision 1.1
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 7Page - Texas Instruments TMS320DM335 Datasheet HTML 8Page - Texas Instruments TMS320DM335 Datasheet HTML 9Page - Texas Instruments TMS320DM335 Datasheet HTML 10Page - Texas Instruments TMS320DM335 Datasheet HTML 11Page - Texas Instruments TMS320DM335 Datasheet HTML 12Page - Texas Instruments TMS320DM335 Datasheet HTML 13Page - Texas Instruments TMS320DM335 Datasheet HTML 14Page - Texas Instruments TMS320DM335 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
2.2
Silicon Revision 1.1 Known Design Exceptions to Functional Specifications
www.ti.com
Silicon Revision 1.1 Usage Notes and Known Design Exceptions to Functional Specifications
Table 2. Silicon Revision 1.1 Advisory List
Title
...................................................................................................................................... Page
Advisory 1.1.1 H3A data may get corrupted
......................................................................................... 12
Advisory 1.1.2 Concurrent Access to ARM Internal Memory May Result in Access Errors
................................... 15
Advisory 1.1.3 SPI: Receive Overrun Interrupt and Bit Error Can be Lost
....................................................... 16
Advisory 1.1.4 SPI: RXINTFLG Bit in SPIFLG Register May Not Get Cleared
.................................................. 16
Advisory 1.1.5 SPI: A Write to SPIFLG Receiver Overrun Bit Does Not Clear the Flag
....................................... 16
Advisory 1.1.6 SPI: SPIINTVECT and SPIFLG Registers are Cleared When Read in Debug Mode
........................ 17
Advisory 1.1.7 SPI: SPI Master Receives Extra Bit When SPICLK Polarity Changes
......................................... 17
Advisory 1.1.8 SPI Master Mode: Extra Step Required to Use CSHOLD
........................................................ 18
Advisory 1.1.9 USB: Some Electrical Parameters Violate USB Specification
................................................... 20
Advisory 1.1.10 VPBE: VENC Default Luma Interpolation Filter Does Not Clip to Zero
....................................... 21
Advisory 1.1.11 RBL Code ECC Limitation
.......................................................................................... 22
Advisory 1.1.12 USB (Device Mode): Calculated CRC Value Does Not Match Host CRC Value
............................ 23
SPRZ287A – July 2008 – Revised October 2008
TMS320DM335 Digital Media System-on-Chip (DMSoC)
11
Silicon Revision 1.1
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com