Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC) Silicon Revision 1.1
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 12Page - Texas Instruments TMS320DM335 Datasheet HTML 13Page - Texas Instruments TMS320DM335 Datasheet HTML 14Page - Texas Instruments TMS320DM335 Datasheet HTML 15Page - Texas Instruments TMS320DM335 Datasheet HTML 16Page - Texas Instruments TMS320DM335 Datasheet HTML 17Page - Texas Instruments TMS320DM335 Datasheet HTML 18Page - Texas Instruments TMS320DM335 Datasheet HTML 19Page - Texas Instruments TMS320DM335 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Advisory 1.1.3 — SPI: Receive Overrun Interrupt and Bit Error Can be Lost
www.ti.com
Advisory 1.1.3
SPI: Receive Overrun Interrupt and Bit Error Can be Lost
Revision(s) Affected:
1.1
Details:
Receive Overrun Interrupt (RXOVINT) and Bit Error interrupt (BITERRINT) can be lost if:
Reading of the SPIFLG register coincides with the setting of these interrupt flag bits.
Reading of the upper 16 bits of SPIBUF register coincides with the setting of these
interrupt bits.
Workaround:
Use the interrupt instead of the polling method to check the status of these interrupts.
Access only the lower 16 bits of the SPIBUF register to read received data.
If the polling method must be used, group the error interrupts into one Level (i.e., Level0)
and the RX complete interrupt into the other Level (i.e., Level1). Use the SPIINTVECT0
and SPIINTVECT1 registers to find out the interrupt status first and then only read the
SPIFLG register to decode the source of the error interrupts.
Advisory 1.1.4
SPI: RXINTFLG Bit in SPIFLG Register May Not Get Cleared
Revision(s) Affected:
1.1
Details:
The RXINTFLG bit in the SPIFLG register may not get cleared by reading the SPIBUF
register when the read coincides with the setting of the RXINTFLG bit due to new data
arrival.
Workaround:
When the above condition occurs, the system is at the verge of receive overrun.
Therefore, either optimize the SPIBUF servicing routine to avoid receive overrun or use
the EDMA3 to avoid the race condition from occurring.
Advisory 1.1.5
SPI: A Write to SPIFLG Receiver Overrun Bit Does Not Clear the Flag
Revision(s) Affected:
1.1
Details:
A write to the SPIFLG receiver overrun (SPIFLG.OVRNINTFLG) bit does not clear the
flag if the write coincides with the setting of the receive interrupt flag
(SPIFLG.RXINTFLG).
Workaround:
Write to the SPIFLG.OVRNINTFLG bit, then read back the value of the flag. If the flag
did not clear, then write to clear the flag again.
16
TMS320DM335 Digital Media System-on-Chip (DMSoC)
SPRZ287A – July 2008 – Revised October 2008
Silicon Revision 1.1
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com