Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC) Silicon Revision 1.1
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 15Page - Texas Instruments TMS320DM335 Datasheet HTML 16Page - Texas Instruments TMS320DM335 Datasheet HTML 17Page - Texas Instruments TMS320DM335 Datasheet HTML 18Page - Texas Instruments TMS320DM335 Datasheet HTML 19Page - Texas Instruments TMS320DM335 Datasheet HTML 20Page - Texas Instruments TMS320DM335 Datasheet HTML 21Page - Texas Instruments TMS320DM335 Datasheet HTML 22Page - Texas Instruments TMS320DM335 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
SPIx_CLK
SPIx_SIMO
(a)Write(8or16−bit)
SPIDAT1.CSHOLD=1
(c)write(8or16−bit)
SPIDAT1.CSHOLD=0
(d)writeof
0x5678toSPIDAT1[15:0]
(b)writeof
0x1234toSPIDAT1[15:0]
(a) (b)
(c)
(d)
SPI_ENx
SPIx_CLK
SPIx_SIMO
(a)WriteSPIDA T1
=0x10001245
(CSHOLD=1)
(c)WriteSPIDA T1.CSHOLD=0
using8or16bitwrite.
(donotwritetoSPIDA T1[15:0])
(b)WriteSPIDA T1
=0x10005678
(CSHOLD=1)
(a)
(b)
(c)
SPI_ENx
SPIx_CLK
SPIx_SIMO
(a)Write(8or16−bit)
SPIDAT1.CSHOLD=1
(d)write(8or16−bit)
SPIDAT1.CSHOLD=0
(c)writeof
0x5678toSPIDAT1[15:0]
(b)writeof
0x1234toSPIDAT1[15:0]
(a) (b)
(c)
(d)
SPI_ENx
www.ti.com
Advisory 1.1.8 — SPI Master Mode: Extra Step Required to Use CSHOLD
Both Figure 2 and Figure 3 assume that SPIDAT1 is written using a single 32-bit write
instruction. If SPIDAT1 is instead written using an 8-bit or 16-bit instruction to write to the
CSHOLD field, followed by a 16-bit write to the transmit shift register field of SPIDAT1,
then what actually occurs is illustrated in Figure 4. This is the same case illustrated in
Figure 3 except that the de-assertion of SPI_ENx lasts for the duration between writing a
'0' to the CSHOLD field and writing new data to the transmit shift register.
Figure 4. Actual CSHOLD Behavior–Halfword Writes to SPIDAT1
Workaround(s)
For each word in the sequence of words during which SPI_ENx should be held low, write
to the SPIDAT1 register with the CSHOLD bit set to '1'. Follow this by a write to only the
CSHOLD field of SPIDAT1, setting CSHOLD = 0 to de-assert SPI_ENx. See Figure 5 for
an illustration.
Figure 5. Workaround Assuming 32-Bit Writes to SPIDAT1 Followed by a Write Only to CSHOLD
Alternatively, only write to the SPIDAT1 CSHOLD field before and after the transfer to
toggle the SPI_ENx pin. During the transfer, write only to the data field of SPIDAT1[15:0]
using 16-bit (halfword) write commands. For an illustration, see Figure 6.
Figure 6. Workaround Assuming Halfword Writes to SPIDAT1
SPRZ287A – July 2008 – Revised October 2008
TMS320DM335 Digital Media System-on-Chip (DMSoC)
19
Silicon Revision 1.1
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com