Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC) Silicon Revision 1.1
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 6Page - Texas Instruments TMS320DM335 Datasheet HTML 7Page - Texas Instruments TMS320DM335 Datasheet HTML 8Page - Texas Instruments TMS320DM335 Datasheet HTML 9Page - Texas Instruments TMS320DM335 Datasheet HTML 10Page - Texas Instruments TMS320DM335 Datasheet HTML 11Page - Texas Instruments TMS320DM335 Datasheet HTML 12Page - Texas Instruments TMS320DM335 Datasheet HTML 13Page - Texas Instruments TMS320DM335 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
2.1.9
GIO0 Low Setting During Device Boot May Cause Boot to Fail
Silicon Revision 1.1 Usage Notes and Known Design Exceptions to Functional Specifications
www.ti.com
This layout can cause real data to be placed in the spare area, which would erase meta-data that is
placed there by the NAND manufacturer. Typically, NAND programmers assume consecutive data
followed by the meta-data in the spare areas as below:
2048 bytes Data
64 bytes ECC Data
This does not affect small block NAND (512 bytes/page). Any device with page sizes larger than 512
bytes will be affected.
If the GIO0 pin is low during device boot from a NAND device, the DM335 will not follow the normal boot
process. The DM335 ROM Boot Loader (RBL) will attempt to read the User Boot Loader (UBL) header
from a different NAND page range and will look for a different number in that header than that used in the
normal boot process, which may cause the boot to fail.
To prevent this issue from occurring, ensure that the GIO0 pin is held high during NAND boot. Details
about this issue will be incorporated into the next revision of the TMS320DM335 Digital Media
System-on-Chip (DMSoC) Data Manual (literature number SPRS528).
TMS320DM335 Digital Media System-on-Chip (DMSoC)
10
SPRZ287A – July 2008 – Revised October 2008
Silicon Revision 1.1
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com