Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC) Silicon Revision 1.1
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 14Page - Texas Instruments TMS320DM335 Datasheet HTML 15Page - Texas Instruments TMS320DM335 Datasheet HTML 16Page - Texas Instruments TMS320DM335 Datasheet HTML 17Page - Texas Instruments TMS320DM335 Datasheet HTML 18Page - Texas Instruments TMS320DM335 Datasheet HTML 19Page - Texas Instruments TMS320DM335 Datasheet HTML 20Page - Texas Instruments TMS320DM335 Datasheet HTML 21Page - Texas Instruments TMS320DM335 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
SPIx_CLK
SPIx_SIMO
(a)WriteSPIDA T1
=0x10001245
(CSHOLD=1)
(b)WriteSPIDA T1
=0x00005678
(CSHOLD=0)
(a)
(b)
SPI_ENx
SPIx_CLK
SPIx_SIMO
(a)WriteSPIDA T1
=0x10001245
(CSHOLD=1)
(b)WriteSPIDA T1
=0x00005678
(CSHOLD=0)
(a)
(b)
SPI_ENx
Advisory 1.1.8 — SPI Master Mode: Extra Step Required to Use CSHOLD
www.ti.com
Advisory 1.1.8
SPI Master Mode: Extra Step Required to Use CSHOLD
Revision(s) Affected
1.1
Details
The SPI module chip-select hold (CSHOLD) feature allows the device to instruct the SPI
to keep the chip-select pin asserted between transfers. This feature applies in master
mode and is enabled by writing a '1' to SPIDAT1.CSHOLD (bit 28).
When data is written to the SPIDAT1 register with the CSHOLD bit set to '1', the master
is supposed to keep the SPI_ENx pin asserted after the transfer completes. When data
is written to the SPIDAT1 register with CSHOLD set to '0', the master is supposed to
de-assert the SPI_ENx pin after the transfer completes.
For example, assume that the device needs to send two 16-bit words (0x1234 and
0x5678) to an SPI slave that requires its chip select to remain asserted between the
transfers. This is a common requirement when communicating with SPI memory devices.
According to the SPI specification, the following sequence should produce the expected
result as illustrated in Figure 2:
• Write 0x10001234 to SPIDAT1 for transmission of 0X1234 (CSHOLD = 1)
• Write 0x00005678 to SPIDAT1 for transmission of 0x5678 (CSHOLD = 0)
Figure 2. Expected CSHOLD Behavior
Instead, what actually occurs is that SPI_ENx is momentarily de-asserted at the
beginning of the second write, as illustrated in Figure 3.
Figure 3. Actual CSHOLD Behavior–32-Bit Writes to SPIDAT1
18
TMS320DM335 Digital Media System-on-Chip (DMSoC)
SPRZ287A – July 2008 – Revised October 2008
Silicon Revision 1.1
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com