Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC) Silicon Revision 1.1
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 18Page - Texas Instruments TMS320DM335 Datasheet HTML 19Page - Texas Instruments TMS320DM335 Datasheet HTML 20Page - Texas Instruments TMS320DM335 Datasheet HTML 21Page - Texas Instruments TMS320DM335 Datasheet HTML 22Page - Texas Instruments TMS320DM335 Datasheet HTML 23Page - Texas Instruments TMS320DM335 Datasheet HTML 24Page - Texas Instruments TMS320DM335 Datasheet HTML 25Page - Texas Instruments TMS320DM335 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Advisory 1.1.11 — RBL Code ECC Limitation
www.ti.com
Advisory 1.1.11
RBL Code ECC Limitation
Revision(s) Affected
1.1
Details
During NAND boot, the ROM Bootloader (RBL) does not implement error correction and
detection (ECC). In particular, during NAND boot, the RBL will neither detect nor correct
bit errors while loading the user boot loader (UBL).
Once the UBL is loaded, the UBL can implement error correction and detection. For
more information on the NAND boot process, see the “NAND Boot Mode” section in the
TMS320DM335 Digital Media System-on-Chip ARM Subsystem Reference Guide
(literature number SPRUFX7).
This is a limitation in the RBL. This is not a limitation in the ECC hardware that is a
feature of the Asynchronous EMIF(AEMIF) peripheral. Therefore any software outside of
the RBL, such as the UBL and NAND driver, can use the ECC hardware to implement
NAND error correction and detection.
Workaround(s)
The impact of this problem is limited by the incidence of read errors of the NAND device.
In very rare situations, a bit error could occur in the UBL transfer. The impact can be
limited by choosing a NAND device with lower incidence of read errors. SLC NAND is
recommended. SLC NAND typically has a lower incidence of read errors compared to
MLC NAND. The impact can also be limited by minimizing the size of the UBL. Note: the
maximum UBL size is 30Kbytes.
This limitation has no impact on any of the other boot modes: MMC/SD boot mode,
AEMIF/OneNAND boot mode, UART boot mode. This limitation also has no impact on
managed NAND devices.
22
TMS320DM335 Digital Media System-on-Chip (DMSoC)
SPRZ287A – July 2008 – Revised October 2008
Silicon Revision 1.1
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com