Electronic Components Datasheet Search
  English  ▼

X  

TMS320DM335 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC) Silicon Revision 1.1
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 18Page - Texas Instruments TMS320DM335 Datasheet HTML 19Page - Texas Instruments TMS320DM335 Datasheet HTML 20Page - Texas Instruments TMS320DM335 Datasheet HTML 21Page - Texas Instruments TMS320DM335 Datasheet HTML 22Page - Texas Instruments TMS320DM335 Datasheet HTML 23Page - Texas Instruments TMS320DM335 Datasheet HTML 24Page - Texas Instruments TMS320DM335 Datasheet HTML 25Page - Texas Instruments TMS320DM335 Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Advisory 1.1.12 — USB (Device Mode): Calculated CRC Value Does Not Match Host CRC Value
www.ti.com
Case 2: Isochronous Transfers (High- and Full-Speed): For Isochronous Transfers
operating in either High- or Full-Speed modes, upon receiving a CRC error, the USB
controller flags the device application S/W that a CRC error existed but will retain the
received data within the FIFO as well as capture the received data packet size value
minus one byte from the actual data packet size. Since the magnitude of the actual
timing violated due to the synchronization problem is only in pico-seconds, the entire
data sent from the Host is routed into the USB device receive FIFO (i.e., even though
the received data counter is one byte less, the full data packet is available for the USB
driver) and the USB driver should ignore the received CRC error and read one more
additional byte from the receive FIFO. This one-byte counter difference is transparent to
the Host H/W and S/W.
Due to the rare occurrence of this issue and its very minimal impact on applications,
there are no plans to correct this issue in future silicon revisions.
TMS320DM335 Digital Media System-on-Chip (DMSoC)
24
SPRZ287A – July 2008 – Revised October 2008
Silicon Revision 1.1
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com