Electronic Components Datasheet Search
  English  ▼

X  

LTG4 Datasheet(PDF) 1 Page - Linear Technology

Part # LTG4
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG4 Datasheet(HTML) 1 Page - Linear Technology

  LTG4 Datasheet HTML 1Page - Linear Technology LTG4 Datasheet HTML 2Page - Linear Technology LTG4 Datasheet HTML 3Page - Linear Technology LTG4 Datasheet HTML 4Page - Linear Technology LTG4 Datasheet HTML 5Page - Linear Technology LTG4 Datasheet HTML 6Page - Linear Technology LTG4 Datasheet HTML 7Page - Linear Technology LTG4 Datasheet HTML 8Page - Linear Technology LTG4 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC1871-7
1
18717fc
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Input Voltage,
Current Mode Boost,
Flyback and SEPIC Controller
The LTC®1871-7 is a current mode, boost, flyback and
SEPIC controller optimized for driving 6V-rated MOSFETs
in high voltage applications. The LTC1871-7 works equally
well in low or high power applications and requires few
components to provide a complete power supply solution.
The switching frequency can be set with an external resistor
over a 50kHz to 1MHz range, and can be synchronized to
an external clock using the MODE/SYNC pin. Burst Mode
operation at light loads, a low minimum operating supply
voltage of 6V and a low shutdown quiescent current of
10μA make the LTC1871-7 well suited for battery-operated
systems. For applications requiring constant frequency
operation, Burst Mode operation can be defeated using
the MODE/SYNC pin. The LTC1871-7 is available in the
10-lead MSOP package.
Figure 1. Small, Nonisolated 12V Flyback Telecom Housekeeping Supply
n Optimized for High Input Voltage Applications
n Wide Chip Supply Voltage Range: 6V to 36V
n Internal 7V Low Dropout Voltage Regulator
Optimized for 6V-Rated MOSFETs
n Current Mode Control Provides Excellent
Transient Response
n High Maximum Duty Cycle (92% Typ)
n ±2% RUN Pin Threshold with 100mV Hysteresis
n ±1% Internal Voltage Reference
n Micropower Shutdown: IQ = 10μA
n Programmable Operating Frequency
(50kHz to 1MHz) with One External Resistor
n Synchronizable to an External Clock Up to 1.3 × fOSC
n User-Controlled Pulse Skip or Burst Mode® Operation
n Output Overvoltage Protection
n Can be Used in a No RSENSE™ Mode for VDS < 36V
n Small 10-Lead MSOP Package
n Telecom Power Supplies
n 42V Automotive Systems
n 24V Industrial Controls
n IP Phone Power Supplies
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology Corporation.
No RSENSE is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners.
PARAMETER
LTC1871-7
LTC1871
INTVCC
7.0V
5.2V
INTVCC UV+
5.6V
2.1V
INTVCC UV–
4.6V
1.9V
RUN
ITH
FB
FREQ
MODE/SYNC
SENSE
VIN
INTVCC
GATE
GND
LTC1871-7
120k
4.7μF
X5R
2.2μF
100V
X7R
M1
FDC2512
0.12Ω
VIN
36V TO 72V
3.4k
2.2nF
26.7k
D3
10BQ060
47μF
16V
X5R
VOUT
12V
0.4A
604k
12.4k
T1
VP1-0076
100k
10Ω
Q1
FMMT625
D2
4148
D1
9.1V
110k
0.1μF
X5R
3:1
18717 F01


Similar Part No. - LTG4

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTG-0122M LITEON-LTG-0122M Datasheet
399Kb / 7P
LED Display
LTG-0422G-S2 LITEON-LTG-0422G-S2 Datasheet
560Kb / 7P
LED Display
LTG-1163M LITEON-LTG-1163M Datasheet
465Kb / 10P
LED Display
logo
SICK AG
LTG-1605-MW SICK-LTG-1605-MW Datasheet
191Kb / 3P
Plug connector cable
LTG-2102-MW SICK-LTG-2102-MW Datasheet
238Kb / 3P
Plug connector cable
More results

Similar Description - LTG4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1871 LINER-LTC1871 Datasheet
411Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-1 LINER-LTC1871-1 Datasheet
517Kb / 36P
Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
LT3758 LINER-LT3758 Datasheet
741Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Current Mode Boost Flyback and SEPIC Controller
LTC1871IMS-7 LINER-LTC1871IMS-7 Datasheet
477Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LT3758 LINER-LT3758_15 Datasheet
515Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758A LINER-LT3758A_15 Datasheet
515Kb / 36P
High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LTC1871-1 LINER-LTC1871-1_15 Datasheet
530Kb / 36P
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller
LTC1871-7 LINER-LTC1871-7_15 Datasheet
393Kb / 34P
High Input Voltage, Current Mode Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com