Electronic Components Datasheet Search
  English  ▼

X  

LTG4 Datasheet(PDF) 30 Page - Linear Technology

Part # LTG4
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG4 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTG4 Datasheet HTML 24Page - Linear Technology LTG4 Datasheet HTML 25Page - Linear Technology LTG4 Datasheet HTML 26Page - Linear Technology LTG4 Datasheet HTML 27Page - Linear Technology LTG4 Datasheet HTML 28Page - Linear Technology LTG4 Datasheet HTML 29Page - Linear Technology LTG4 Datasheet HTML 30Page - Linear Technology LTG4 Datasheet HTML 31Page - Linear Technology LTG4 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTC1871-7
30
18717fc
TYPICAL APPLICATIONS
1.2A Automotive LED Headlamp Boost Converter
Dual Output Cell Phone Base Station Flyback Converter
RUN
ITH
FB
FREQ
MODE/SYNC
10
9
8
7
6
1
2
3
4
5
SENSE
VIN
INTVCC
GATE
GND
LTC1871-7
D4
33V
D5
33V
D6 5V
18717 TA01
R7
4.7M
R6
1M
1%
VIN
GND
RUN
INPUT
0V TO 5V
DIMMING
INPUT
C5
47μF
20V
×2
R8
187k
1%
C8
100nF
R10
300k
R15
0.20Ω
0.5W
R13
17.8k
C9
4.7μF
X5R
C5: SANYO OS-CON 20SP47M
C7: ITW PAKTRON 106K100CS4
L1: MAGNETICS INC 58206-A2 WITH 29T 18AWG
C10
4.7μF
R14
1k
R12
4.02k
R11
0.006Ω
R9
1k
Q3
SILICONIX
SUP75N08-9L
C7
10μF
100V
TO
LEDS
FROM
LEDS
USE 68V
OR 75V
SINGLE
ZENER
D3
IRF12CW10
L1
+
RUN
ITH
FB
FREQ
MODE/SYNC
SENSE
VIN
INTVCC
GATE
GND
1
2
3
4
5
10
9
8
7
6
LTC1871-7
R7
33k
R4
75Ω
R5
150k
R13
0.082Ω
R10
64.9k
18717 TA03
C3, C11: TDK C3225X5R0J107M
C4: SANYO POSCAP 10 TPB33M
C7: TDK C4532X7R1H335M
C13, C13A: SANYO POSCAP 4TPB470M
L1: COILCRAFT DO1608 103
T1: COILTRONICS VP4-0047
C13
470μF
R8
20.5k
R3
43.2k
R2
12.5k
5.5V
500mA
3.3V
2A
R14
1k
ISO1
MOC207
R12
80k
R11
12.5k
R1
33k
Q1
Si4482DY
C15
4.7μF
C13A
470μF
C11
100μF
C8
100pF
200V
C12
15nF
C10
330nF
R9
33k
C16
10nF 1kV
C3
100μF
C4
33μF
12
3
TAB
45
C17
1μF
C14
1nF
D4
BAT54
9
5
8
6
7
T1
VP4-0047
D1
1A 40V
D3
UPS840
R6
1Ω
C9
1nF
4
10
3
11
2
12
1
C6
1μF
35V
VIN
18V TO 33V
SYNC SIGNAL
320kHz
0V TO 2.5V
C5
22μF
50V
C7
3.3μF
50V
D2
10V
L1
10μH
COL
COMP
V+
RTOP
REF
RMID
GNDF
GNDS
1
2
3
4
8
7
6
5
LT1431
SHDN IN GND
GND
LT1963
OUT ADJ
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com