Electronic Components Datasheet Search
  English  ▼

X  

LTG4 Datasheet(PDF) 18 Page - Linear Technology

Part # LTG4
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG4 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTG4 Datasheet HTML 14Page - Linear Technology LTG4 Datasheet HTML 15Page - Linear Technology LTG4 Datasheet HTML 16Page - Linear Technology LTG4 Datasheet HTML 17Page - Linear Technology LTG4 Datasheet HTML 18Page - Linear Technology LTG4 Datasheet HTML 19Page - Linear Technology LTG4 Datasheet HTML 20Page - Linear Technology LTG4 Datasheet HTML 21Page - Linear Technology LTG4 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LTC1871-7
18
18717fc
Please note that the input capacitor can see a very high
surge current when a battery is suddenly connected to
the input of the converter and solid tantalum capacitors
can fail catastrophically under these conditions. Be sure
to specify surge-tested capacitors!
Burst Mode Operation and Considerations
The choice of sense resistor and inductor value also deter-
mines the load current at which the LTC1871-7 enters Burst
Mode operation. When bursting, the controller clamps the
peak inductor current to approximately:
IBURST(PEAK) =
30mV
RSENSE
which represents about 20% of the maximum 150mV
SENSE pin voltage. The corresponding average current
depends upon the amount of ripple current. Lower inductor
values (higher ΔIL) will reduce the load current at which
Burst Mode operations begins, since it is the peak current
that is being clamped.
The output voltage ripple can increase during Burst
Mode operation if ΔIL is substantially less than IBURST.
This can occur if the input voltage is very low or if a very
large inductor is chosen. At high duty cycles, a skipped
cycle causes the inductor current to quickly decay to
zero. However, because ΔIL is small, it takes multiple
cycles for the current to ramp back up to IBURST(PEAK).
Table 1. Recommended Component Manufacturers
VENDOR
COMPONENTS
TELEPHONE
WEB ADDRESS
AVX
Capacitors
(207) 282-5111
avxcorp.com
BH Electronics
Inductors, Transformers
(952) 894-9590
bhelectronics.com
Coilcraft
Inductors
(847) 639-6400
coilcraft.com
Coiltronics
Inductors
(407) 241-7876
coiltronics.com
Diodes, Inc
Diodes
(805) 446-4800
diodes.com
Fairchild
MOSFETs
(408) 822-2126
fairchildsemi.com
General Semiconductor
Diodes
(516) 847-3000
generalsemiconductor.com
International Rectifier
MOSFETs, Diodes
(310) 322-3331
irf.com
IRC
Sense Resistors
(361) 992-7900
irctt.com
Kemet
Tantalum Capacitors
(408) 986-0424
kemet.com
Magnetics Inc
Toroid Cores
(800) 245-3984
mag-inc.com
Microsemi
Diodes
(617) 926-0404
microsemi.com
Murata-Erie
Inductors, Capacitors
(770) 436-1300
murata.co.jp
Nichicon
Capacitors
(847) 843-7500
nichicon.com
On Semiconductor
Diodes
(602) 244-6600
onsemi.com
Panasonic
Capacitors
(714) 373-7334
panasonic.com
Sanyo
Capacitors
(619) 661-6835
sanyo.co.jp
Sumida
Inductors
(847) 956-0667
sumida.com
Taiyo Yuden
Capacitors
(408) 573-4150
t-yuden.com
TDK
Capacitors, Inductors
(562) 596-1212
component.tdk.com
Thermalloy
Heat Sinks
(972) 243-4321
aavidthermalloy.com
Tokin
Capacitors
(408) 432-8020
nec-tokinamerica.com
Toko
Inductors
(847) 699-3430
tokoam.com
United Chemicon
Capacitors
(847) 696-2000
chemi-com.com
Vishay/Dale
Resistors
(605) 665-9301
vishay.com
Vishay/Siliconix
MOSFETs
(800) 554-5565
vishay.com
Vishay/Sprague
Capacitors
(207) 324-4140
vishay.com
Zetex
Small-Signal Discretes
(631) 543-7100
zetex.com
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com