Electronic Components Datasheet Search
  English  ▼

X  

LTG4 Datasheet(PDF) 12 Page - Linear Technology

Part # LTG4
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG4 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTG4 Datasheet HTML 8Page - Linear Technology LTG4 Datasheet HTML 9Page - Linear Technology LTG4 Datasheet HTML 10Page - Linear Technology LTG4 Datasheet HTML 11Page - Linear Technology LTG4 Datasheet HTML 12Page - Linear Technology LTG4 Datasheet HTML 13Page - Linear Technology LTG4 Datasheet HTML 14Page - Linear Technology LTG4 Datasheet HTML 15Page - Linear Technology LTG4 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LTC1871-7
12
18717fc
OPERATION
The resistors R1 and R2 are typically chosen so that the
error caused by the current flowing into the FB pin dur-
ing normal operation is less than 1% (this translates to a
maximum value of R1 of about 250k).
Programming Turn-On and Turn-Off Thresholds with
the RUN Pin
The LTC1871-7 contains an independent, micropower volt-
age reference and comparator detection circuit that remains
active even when the device is shut down, as shown in
Figure 8. This allows users to accurately program an input
voltage at which the converter will turn on and off. The
falling threshold voltage on the RUN pin is equal to the
internal reference voltage of 1.248V. The comparator has
100mV of hysteresis to increase noise immunity.
The turn-on and turn-off input voltage thresholds are
programmed using a resistor divider according to the
following formulas:
VIN(OFF) =1.248V • 1+
R2
R1
VIN(ON) =1.348V • 1+
R2
R1
The resistor R1 is typically chosen to be less than 1M.
For applications where the RUN pin is only to be used as
a logic input, the user should be aware of the 7V Absolute
Maximum Rating for this pin! The RUN pin can be con-
nected to the input voltage through an external 1M resistor,
as shown in Figure 8c, for “always on” operation.
Figure 8b. On/Off Control Using External Logic
Figure 8c. External Pull-Up Resistor On
RUN Pin for “Always On” Operation
Figure 8a. Programming the Turn-On and Turn-Off Thresholds Using the RUN Pin
–
+
RUN
COMPARATOR
VIN
RUN
R2
R1
INPUT
SUPPLY
OPTIONAL
FILTER
CAPACITOR
+
–
GND
18717 F8a
BIAS AND
START-UP
CONTROL
1.248V
μPOWER
REFERENCE
6V
–
+
RUN
COMPARATOR
1.248V
18717 F08b
RUN
6V
EXTERNAL
LOGIC CONTROL
–
+
RUN
COMPARATOR
VIN
RUN
R2
1M
INPUT
SUPPLY
+
–
GND
1.248V
18717 F08c
6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com