Electronic Components Datasheet Search
  English  ▼

X  

LTG4 Datasheet(PDF) 21 Page - Linear Technology

Part # LTG4
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG4 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTG4 Datasheet HTML 17Page - Linear Technology LTG4 Datasheet HTML 18Page - Linear Technology LTG4 Datasheet HTML 19Page - Linear Technology LTG4 Datasheet HTML 20Page - Linear Technology LTG4 Datasheet HTML 21Page - Linear Technology LTG4 Datasheet HTML 22Page - Linear Technology LTG4 Datasheet HTML 23Page - Linear Technology LTG4 Datasheet HTML 24Page - Linear Technology LTG4 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTC1871-7
21
18717fc
APPLICATIONS INFORMATION
The component chosen is a 6.8μH inductor made by
Cooper (part number DR127-6R8) which has a satura-
tion current of greater than 13.3A.
5. Because the duty cycle is 81%, the maximum SENSE
pin threshold voltage is reduced from its low duty cycle
typical value of 150mV to approximately 115mV. In ad-
dition, we need to apply a worst-case derating factor
to this SENSE threshold to account for manufacturing
tolerances within the IC. Finally, the nominal current
limit value should exceed the maximum load current
by some safety margin (in this case 50%). Therefore,
the value of the sense resistor is:
RSENSE = 0.8 • VSENSE(MAX) •
1–DMAX
1+ 0.4
2
•1.5 •IO(MAX)
= 0.8 • 0.115 • 1– 0.81
1.2 •1.5 •1.5
= 6.5m
A 1W, 5mΩ resistor is used in this design.
6. The MOSFET chosen is a Vishay/Siliconix Si7370DP,
which has a BVDSS of greater than 60V and an RDS(ON)
of less than 13mΩ at a VGS of 6V.
7. The diode for this design must handle a maximum DC
output current of 1.5A and be rated for a minimum
reverse voltage of VOUT, or 42V. A 3A, 60V diode from
Diodes Inc. (B360B) is chosen.
8. The output capacitor usually consists of a high valued
bulk C connected in parallel with a lower valued, low
ESR ceramic. Based on a maximum output ripple voltage
of 1%, or 50mV, the bulk C needs to be greater than:
COUT
IOUT(MAX)
0.01• VOUT • f
=
1.5
0.01• 42 • 250k
= 14μF
The RMS ripple current rating for this capacitor needs
to exceed:
IRMS(COUT) IO(MAX) •
VO –VIN(MIN)
VIN(MIN)
=
1.5 • 42 – 8
8
= 3.09A
To satisfy the low ESR, high frequency decoupling
requirements, two 10μF, 50V, X5R ceramic capacitors
are used (TDK part number C5750X5R1H106M). In
parallel with these, two 68μF, 100V electrolytic ca-
pacitors are used (Sanyo part number 100CV68FS).
Check the output ripple with a single oscilloscope
probe connected directly across the output capacitor
terminals, where the HF switching currents flow.
9. The choice of an input capacitor for a boost converter
depends on the impedance of the source supply and
the amount of input ripple the converter will safely
tolerate. For this particular design and lab setup a
560μF, 50V Sanyo electrolytic (50MV560AXL), in
parallel with two 10μF, 100V TDK ceramic capacitors
(C5750X5R1H106M) is required (the input and return
lead lengths are kept to a few inches, but the peak input
current is close to 10A!). As with the output node,
check the input ripple with a single oscilloscope probe
connected across the input capacitor terminals.
Figure 15. Switching Waveforms for the Converter
in Figure 9 at Minimum VIN (8V)
VOUT
1V/DIV
IL
2A/DIV
MOSFET
DRAIN
VOLTAGE
20V/DIV
1μs/DIV
18717 F15
VIN = 8V
IOUT = 0.5A
VOUT = 42V
D = 81%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com