Electronic Components Datasheet Search
  English  ▼

X  

LTG4 Datasheet(PDF) 29 Page - Linear Technology

Part # LTG4
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG4 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTG4 Datasheet HTML 24Page - Linear Technology LTG4 Datasheet HTML 25Page - Linear Technology LTG4 Datasheet HTML 26Page - Linear Technology LTG4 Datasheet HTML 27Page - Linear Technology LTG4 Datasheet HTML 28Page - Linear Technology LTG4 Datasheet HTML 29Page - Linear Technology LTG4 Datasheet HTML 30Page - Linear Technology LTG4 Datasheet HTML 31Page - Linear Technology LTG4 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC1871-7
29
18717fc
TYPICAL APPLICATIONS
Output Efficiency at 3.3V Output
A 48V Input Flyback Converter Configurable to 3.3V or 5V Outputs
Output Efficiency at 5V Output
9
7
10
8
6
1
2
4
5
3
100k
100k
VIN
36V TO 72V
10V
26.7k
82.5k
12.4k
R2*
21k
*R2 = 38.3k FOR VOUT = 5V
R1
604k
1nF
0.1μF
2.2μF
100V
100μF
6.3V
×3
VOUT
3.3V
3A MAX
T1B
UPS840
CTX-002-15242
T1A
•
•
Q1
FDC2512
ALL CAPACITORS
ARE CERAMIC
X5R TYPE
R3
0.1Ω
4.7μF
18717 TA02a
RUN
ITH
FREQ
MODE/SYNC
VFB
VIN
GATE
SENSE
INTVCC
GND
LTC1871-7
MMBTA42
ILOAD (A)
0
60
65
70
75
80
90
1
234
18717 TA02b
56
85
36VIN
48VIN
72VIN
ILOAD (A)
0
60
65
70
75
80
90
1
234
18717 TA02c
5
85
36VIN
48VIN
72VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com