Electronic Components Datasheet Search
  English  ▼

X  

LTG4 Datasheet(PDF) 5 Page - Linear Technology

Part # LTG4
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG4 Datasheet(HTML) 5 Page - Linear Technology

  LTG4 Datasheet HTML 1Page - Linear Technology LTG4 Datasheet HTML 2Page - Linear Technology LTG4 Datasheet HTML 3Page - Linear Technology LTG4 Datasheet HTML 4Page - Linear Technology LTG4 Datasheet HTML 5Page - Linear Technology LTG4 Datasheet HTML 6Page - Linear Technology LTG4 Datasheet HTML 7Page - Linear Technology LTG4 Datasheet HTML 8Page - Linear Technology LTG4 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC1871-7
5
18717fc
TYPICAL PERFORMANCE CHARACTERISTICS
Shutdown Mode IQ vs VIN
Shutdown Mode IQ vs Temperature
Burst Mode IQ vs VIN
Burst Mode IQ vs Temperature
Dynamic IQ vs Frequency
Gate Drive Rise and
Fall Time vs CL
RUN Thresholds vs VIN
RUN Thresholds vs Temperature
RT vs Frequency
VIN (V)
0
0
10
20
10
20
30
40
18717 G04
30
TEMPERATURE (°C)
–50
0
5
10
15
20
–25
0
25
50
18717 G05
75
100 125 150
VIN = 8V
VIN (V)
0
0
100
200
300
400
600
10
20
18717 G06
30
40
500
TEMPERATURE (°C)
–50
0
200
500
0
50
75
18717 G07
100
400
300
–25
25
100 125
150
FREQUENCY (kHz)
0
0
2
6
8
10
800
18
18717 G08
4
400
1200
600
200
1000
12
14
16
CL = 3300pF
IQ(TOT) = 600μA + Qg • f
CL (pF)
0
0
10
20
30
40
60
2000
4000
6000
8000
18717 G09
10000 12000
50
RISE TIME
FALL TIME
VIN (V)
0
1.2
1.3
1.4
10
20
30
40
18717 G10
1.5
TEMPERATURE (°C)
–50
1.30
1.35
150
18717 G11
1.25
1.20
0
50
100
–25
25
75
125
1.40
FREQUENCY (kHz)
100
300
1000
18717 G12
10
100
200
1000
900
800
700
600
500
400
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com