Electronic Components Datasheet Search
  English  ▼

X  

LTG4 Datasheet(PDF) 22 Page - Linear Technology

Part # LTG4
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG4 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTG4 Datasheet HTML 18Page - Linear Technology LTG4 Datasheet HTML 19Page - Linear Technology LTG4 Datasheet HTML 20Page - Linear Technology LTG4 Datasheet HTML 21Page - Linear Technology LTG4 Datasheet HTML 22Page - Linear Technology LTG4 Datasheet HTML 23Page - Linear Technology LTG4 Datasheet HTML 24Page - Linear Technology LTG4 Datasheet HTML 25Page - Linear Technology LTG4 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC1871-7
22
18717fc
APPLICATIONS INFORMATION
PC Board Layout Checklist
1. In order to minimize switching noise and improve out-
put load regulation, the GND pin of the LTC1871-7 should
be connected directly to 1) the negative terminal of the
INTVCC decoupling capacitor, 2) the negative terminal of
the output decoupling capacitors, 3) the bottom terminal
of the sense resistor, 4) the negative terminal of the input
capacitor and 5) at least one via to the ground plane
immediately adjacent to Pin 6. The ground trace on the
top layer of the PC board should be as wide and short as
possible to minimize series resistance and inductance.
2. Beware of ground loops in multiple layer PC boards. Try
to maintain one central ground node on the board and use
the input capacitor to avoid excess input ripple for high
output current power supplies. If the ground plane is to
be used for high DC currents, choose a path away from
the small-signal components.
3. Place the CVCC capacitor immediately adjacent to the
INTVCC and GND pins on the IC package. This capacitor
carries high di/dt MOSFET gate drive currents. A low ESR
and ESL 4.7μF ceramic capacitor works well here.
4. The high di/dt loop from the bottom terminal of the
output capacitor, through the power MOSFET, through
the boost diode and back through the output capacitors
should be kept as tight as possible to reduce inductive
ringing. Excess inductance can cause increased stress on
the power MOSFET and increase HF noise on the output.
If low ESR ceramic capacitors are used on the output to
reduce output noise, place these capacitors close to the
boost diode in order to keep the series inductance to a
minimum.
5. Check the stress on the power MOSFET by measur-
ing its drain-to-source voltage directly across the device
terminals (reference the ground of a single scope probe
directly to the source pad on the PC board). Beware of
inductive ringing which can exceed the maximum speci-
fied voltage rating of the MOSFET. If this ringing cannot be
avoided and exceeds the maximum rating of the device,
either choose a higher voltage device or specify an ava-
lanche-rated power MOSFET. Not all MOSFETs are created
equal (some are more equal than others).
6. Place the small-signal components away from high fre-
quency switching nodes. In the layout shown in Figure 18,
all of the small-signal components have been placed on
one side of the IC and all of the power components have
been placed on the other. This also allows the use of a
pseudo-Kelvin connection for the signal ground, where
high di/dt gate driver currents flow out of the IC ground
pin in one direction (to the bottom plate of the INTVCC
decoupling capacitor) and small-signal currents flow in
the other direction.
Figure 16. Switching Waveforms for the
Converter in Figure 9 at Maximum VIN (28V)
Figure 17. Efficiency vs Load Current and Input Voltage
for the Converter in Figure 9
VOUT
1V/DIV
IL
1A/DIV
MOSFET
DRAIN
VOLTAGE
20V/DIV
1μs/DIV
18717 F16
VIN = 28V
IOUT = 0.5A
VOUT = 42V
D = 27%
ILOAD (mA)
80
85
90
95
100
0.001
0.1
1
10
18717 F17
75
0.01
VIN = 8V
VIN = 12V
VIN = 28V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com