Electronic Components Datasheet Search
  English  ▼

X  

LTG4 Datasheet(PDF) 23 Page - Linear Technology

Part # LTG4
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG4 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTG4 Datasheet HTML 19Page - Linear Technology LTG4 Datasheet HTML 20Page - Linear Technology LTG4 Datasheet HTML 21Page - Linear Technology LTG4 Datasheet HTML 22Page - Linear Technology LTG4 Datasheet HTML 23Page - Linear Technology LTG4 Datasheet HTML 24Page - Linear Technology LTG4 Datasheet HTML 25Page - Linear Technology LTG4 Datasheet HTML 26Page - Linear Technology LTG4 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC1871-7
23
18717fc
APPLICATIONS INFORMATION
7. Minimize the capacitance between the SENSE pin trace
and any high frequency switching nodes. The LTC1871-7
contains an internal leading edge blanking time of ap-
proximately 180ns, which should be adequate for most
applications.
8. For optimum load regulation and true remote sens-
ing, the top of the output resistor divider should connect
independently to the top of the output capacitor (Kelvin
connection), staying away from any high dV/dt traces.
Place the divider resistors near the LTC1871-7 in order
to keep the high impedance FB node short.
Figure 18. LTC1871-7 Boost Converter Suggested Layout
Figure 19. LTC1871-7 Boost Converter Layout Diagram
LTC1871-7
M1
VIN
1871 F18
VOUT
SWITCH NODE IS ALSO
THE HEAT SPREADER
FOR L1, M1, D1
L1
RT
RS
RC
CC
R3
J1
CIN
COUT
CVCC
R1
R2
PSEUDO-KELVIN
SIGNAL GROUND
CONNECTION
TRUE REMOTE
OUTPUT SENSING
VIAS TO GROUND
PLANE
R4
PIN 1
COUT
JUMPER
D1
RUN
ITH
FB
FREQ
MODE/
SYNC
SENSE
VIN
INTVCC
GATE
GND
LTC1871-7
+
R4
J1
10
9
8
7
6
1
2
3
4
5
CVCC
PSEUDO-KELVIN
GROUND CONNECTION
CIN
M1
D1
L1
VIN
GND
18717 F19
VOUT
SWITCH
NODE
COUT
RC
RS
R1
RT
BOLD LINES INDICATE HIGH CURRENT PATHS
R2
CC
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com