Electronic Components Datasheet Search
  English  ▼

X  

LTG4 Datasheet(PDF) 4 Page - Linear Technology

Part # LTG4
Description  High Input Voltage,Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTG4 Datasheet(HTML) 4 Page - Linear Technology

  LTG4 Datasheet HTML 1Page - Linear Technology LTG4 Datasheet HTML 2Page - Linear Technology LTG4 Datasheet HTML 3Page - Linear Technology LTG4 Datasheet HTML 4Page - Linear Technology LTG4 Datasheet HTML 5Page - Linear Technology LTG4 Datasheet HTML 6Page - Linear Technology LTG4 Datasheet HTML 7Page - Linear Technology LTG4 Datasheet HTML 8Page - Linear Technology LTG4 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC1871-7
4
18717fc
FB Voltage vs Temp
FB Voltage Line Regulation
FB Pin Current vs Temperature
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 8V, VRUN = 1.5V, RFREQ = 80k, VMODE/SYNC = 0V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
UVLO
INTVCC Undervoltage Lockout Threshold
Rising INTVCC
Falling INTVCC
UVLO Hysteresis
5.6
4.6
1.0
V
V
V
ΔVINTVCC
ΔVIN1
INTVCC Regulator Line Regulation
8V ≤ VIN ≤ 15V
8
25
mV
ΔVINTVCC
ΔVIN2
INTVCC Regulator Line Regulation
15V ≤ VIN ≤ 30V
70
200
mV
VLDO(LOAD)
INTVCC Load Regulation
0 ≤ IINTVCC ≤ 20mA, VIN = 8V
– 2
–0.2
%
VDROPOUT
INTVCC Regulator Dropout Voltage
VIN = 6V, INTVCC Load = 20mA
280
mV
GATE Driver
tr
GATE Driver Output Rise Time
CL = 3300pF (Note 7)
17
100
ns
tf
GATE Driver Output Fall Time
CL = 3300pF (Note 7)
8
100
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC1871E-7 is guaranteed to meet performance specifications
from 0°C to 70°C junction temperature. Specifications over the – 40°C
to 85°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC1871I-7 is guaranteed over the full –40°C to 125°C operating junction
temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 120°C/W)
Note 4: The dynamic input supply current is higher due to power MOSFET
gate charging (QG • fOSC). See Applications Information.
Note 5: The LTC1871-7 is tested in a feedback loop that servos VFB to the
reference voltage with the ITH pin forced to a voltage between 0V and 1.4V
(the no load to full load operating voltage range for the ITH pin is 0.3V to
1.23V).
Note 6: In a synchronized application, the internal slope compensation
gain is increased by 25%. Synchronizing to a significantly higher ratio will
reduce the effective amount of slope compensation, which could result in
subharmonic oscillation for duty cycles greater than 50%.
Note 7: Rise and fall times are measured at 10% and 90% levels.
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
1.23
1.24
150
18717 G01
1.22
1.21
0
50
100
–25
25
75
125
1.25
VIN (V)
0
1.229
1.230
1.231
510
15
20
18717 G02
25
30
35
TEMPERATURE (°C)
–50
0
10
20
30
40
60
–25
25
0
50
100
75
18717 G03
125 150
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com