Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 50 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 50 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 46Page - Texas Instruments PCI1221 Datasheet HTML 47Page - Texas Instruments PCI1221 Datasheet HTML 48Page - Texas Instruments PCI1221 Datasheet HTML 49Page - Texas Instruments PCI1221 Datasheet HTML 50Page - Texas Instruments PCI1221 Datasheet HTML 51Page - Texas Instruments PCI1221 Datasheet HTML 52Page - Texas Instruments PCI1221 Datasheet HTML 53Page - Texas Instruments PCI1221 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
50
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
CardBus socket registers/ExCA base-address register
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
CardBus socket/ExCA base address
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
CardBus socket/ExCA base address
Type
R/W
R/W
R/W
R/W
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
CardBus socket/ExCA base address
Type:
Read only, read/write
Offset:
10h
Default:
0000 0000h
Description: The CardBus socket registers/ExCA base-address register is programmed with a base
address referencing the CardBus socket registers and the memory-mapped ExCA register
set. Bits 31-12 are read/write, and allow the base address to be located anywhere in the 32-bit
PCI memory address space on a 4K-byte boundary. Bits 11-0 are read only, returning 0s
when read. When software writes all 1s to this register, the value readback is FFFF F000h,
indicating that at least 4K-bytes of memory address space are required. The CardBus
registers start at offset 000h, and the memory-mapped ExCA registers begin at offset 800h.
Since this register is not shared by functions 0 and 1, mapping of each socket control is
performed separately.
capability pointer register
Bit
7
6
5
4
3
2
1
0
Name
Capability pointer
Type
R
R
R
R
R
R
R
R
Default
1
0
1
0
0
0
0
0
Register:
Capability pointer
Type:
Read only
Offset:
14h
Default:
A0h
Description: The capability pointer register provides a pointer into the PCI configuration header where the
PCI power management register block resides. PCI header doublewords at A0h and A4h
provide the power management (PM) registers. Each socket has its own capability pointer
register. This register is read only and returns A0h when read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com