Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 57 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 57 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 53Page - Texas Instruments PCI1221 Datasheet HTML 54Page - Texas Instruments PCI1221 Datasheet HTML 55Page - Texas Instruments PCI1221 Datasheet HTML 56Page - Texas Instruments PCI1221 Datasheet HTML 57Page - Texas Instruments PCI1221 Datasheet HTML 58Page - Texas Instruments PCI1221 Datasheet HTML 59Page - Texas Instruments PCI1221 Datasheet HTML 60Page - Texas Instruments PCI1221 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
57
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
bridge control register
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Bridge control
Type
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R
R/W
R/W
R/W
R
Default
0
0
0
0
0
0
1
1
0
1
0
0
0
0
0
0
Register:
Bridge control
Type:
Read only, read/write (see individual bit descriptions)
Offset:
3Eh (functions 0, 1)
Default:
0340h
Description: The bridge control register provides control over various PCI1221 bridging functions. Some
bits in this register are global and should be accessed only through function 0. See Table 20
for a complete description of the register contents.
Table 20. Bridge Control Register
BIT
SIGNAL
TYPE
FUNCTION
15–11
RSVD
R
Reserved. Bits 15–11 return 0s when read.
10
POSTEN
R/W
Write posting enable. Enables write posting to and from the CardBus sockets. Write posting enables
posting of write data on burst cycles. Operating with write posting disabled inhibits performance on burst
cycles. Note that bursted write data can be posted, but various write transactions may not. Bit 10 is socket
dependent and is not shared between functions 0 and 1.
9
PREFETCH1
R/W
Memory window 1 type. Bit 9 specifies whether or not memory window 1 is prefetchable. This bit is socket
dependent. Bit 9 is encoded as:
0 = Memory window 1 is nonprefetchable.
1 = Memory window 1 is prefetchable (default).
8
PREFETCH0
R/W
Memory window 0 type. Bit 8 specifies whether or not memory window 0 is prefetchable. This bit is
encoded as:
0 = Memory window 0 is nonprefetchable.
1 = Memory window 0 is prefetchable (default).
7
INTR
R/W
PCI interrupt – IREQ routing enable. Bit 7 is used to select whether PC Card functional interrupts are
routed to PCI interrupts or the IRQ specified in the ExCA registers.
0 = Functional interrupts routed to PCI interrupts (default)
1 = Functional interrupts routed by ExCAs
6
CRST
R/W
CardBus reset. When bit 6 is set, CRST is asserted on the CardBus interface. CRST can also be
asserted by passing a PRST assertion to CardBus.
0 = CRST deasserted
1 = CRST asserted (default)
5†
MABTMODE
R/W
Master abort mode. Bit 5 controls how the PCI1221 responds to a master abort when the PCI1221 is
an initiator on the CardBus interface. This bit is common between each socket.
0 = Master aborts not reported (default)
1 = Signal target abort on PCI and SERR (if enabled)
4
RSVD
R
Reserved. Bit 4 returns 0 when read.
3
VGAEN
R/W
VGA enable. Bit 3 affects how the PCI1221 responds to VGA addresses. When this bit is set, accesses
to VGA addresses are forwarded.
2
ISAEN
R/W
ISA mode enable. Bit 2 affects how the PCI1221 passes I/O cycles within the 64K-byte ISA range. This
bit is not common between sockets. When this bit is set, the PCI1221 does not forward the last 768 bytes
of each 1K I/O range to CardBus.
1†
CSERREN
R/W
CSERR enable. Bit 1 controls the response of the PCI1221 to CSERR signals on the CardBus bus. This
bit is common between the two sockets.
0 = CSERR is not forwarded to PCI SERR.
1 = CSERR is forwarded to PCI SERR.
0†
CPERREN
R
CardBus parity error response enable. Bit 0 controls the response of the PCI1221 to CardBus parity
errors. This bit is common between the two sockets.
0 = CardBus parity errors are ignored.
1 = CardBus parity errors are reported using CPERR.
† These bits are global and should be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com