Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 60 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 60 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 56Page - Texas Instruments PCI1221 Datasheet HTML 57Page - Texas Instruments PCI1221 Datasheet HTML 58Page - Texas Instruments PCI1221 Datasheet HTML 59Page - Texas Instruments PCI1221 Datasheet HTML 60Page - Texas Instruments PCI1221 Datasheet HTML 61Page - Texas Instruments PCI1221 Datasheet HTML 62Page - Texas Instruments PCI1221 Datasheet HTML 63Page - Texas Instruments PCI1221 Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
60
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 21. System Control Register
BIT
SIGNAL
TYPE
FUNCTION
31–30†
SER_STEP
R/W
Serialized PCI interrupt routing step. Bits 31–30 are used to configure the serialized PCI interrupt
stream signaling, and accomplish an even distribution of interrupts signaled on the four PCI interrupt
slots. Bits 31–30 are global to all PCI1221 functions.
00 = INTA/INTB signal in INTA/INTB IRQSER slots
01 = INTA/INTB signal in INTB/INTC IRQSER slots
10 = INTA/INTB signal in INTC/INTD IRQSER slots
11 = INTA/INTB signal in INTD/INTA IRQSER slots
29†
INTRTIE
R/W
Tie internal PCI interrupts. When this bit is set, the INTA and INTB signals are tied together internally
and are signaled as INTA. INTA can then be shifted by using the SER_STEP bits. This bit is global to
all PCI1221 functions.
When configuring the PCI1221 functions to share PCI interrupts, multifunction terminal MFUNC3 must
be configured as IRQSER prior to setting the INTRTIE bit.
28
RSVD
R
Reserved. Bit 28 is read only and returns 0 when read.
27†
P2CCLK
R/W
P2C power switch clock. The PCI1221 defaults CLOCK as an input clock to control the serial interface
and the internal state machine. Bit 27 can be set to enable the PCI1221 to generate and drive the
CLOCK from the PCI clock. When in a SUSPEND state, however, CLOCK must be input to the
PCI1221 to successfully power down sockets after card removal without indicating to the system the
removal event.
0 = CLOCK provided externally, input to PCI1221 (default)
1 = CLOCK generated by PCI clock and driven by PCI1221
26†
SMIROUTE
R/W
SMI interrupt routing. Bit 26 is shared between functions 0 and 1, and selects whether IRQ2 or CSC
is signaled when a write occurs to power a PC Card socket.
0 = PC Card power change interrupts routed to IRQ2 (default)
1 = A CSC interrupt is generated on PC Card power changes.
25
SMISTATUS
R/W
SMI interrupt status. This socket-dependent bit is set when a write occurs to set the socket power, and
the SMIENB bit is set. Writing a 1 to bit 25 clears the status.
0= SMI interrupt signaled (default)
1 = SMI interrupt not signaled
24†
SMIENB
R/W
SMI interrupt mode enable. When bit 24 is set, the SMI interrupt signaling is enabled and generates
an interrupt when a write to the socket power control occurs. This bit is shared and defaults to 0
(disabled).
23
RSVD
R
Reserved. This bit is read only and returns 0 when read.
22
CBRSVD
R/W
CardBus reserved terminals signaling. When bit 22 is set, the RSVD CardBus terminals are driven low
when a CardBus card is inserted. When this bit is low (as default), these signals are 3-stated.
0 = 3-state CardBus RSVD
1 = Drive Cardbus RSVD low (default)
21
VCCPROT
R/W
VCC protection enable. Bit 21 is socket dependent.
0 = VCC protection enabled for 16-bit cards (default)
1 = VCC protection disabled for 16-bit cards
20
REDUCEZV
R/W
Reduced Zoom Video Enable. When this bit is enabled, A25–22 of the card interface for PC Card 16
cards is placed in the high impedance state. This bit should not be set for normal ZV operation. This
bit is encoded as:
0 = Reduced zoom video disabled (default)
1 = Reduced zoom video enabled
19-16
RSVD
R
Reserved. These bits are reserved and return 0’s when read.
† These bits are global and should be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com