Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 56 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 56 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 52Page - Texas Instruments PCI1221 Datasheet HTML 53Page - Texas Instruments PCI1221 Datasheet HTML 54Page - Texas Instruments PCI1221 Datasheet HTML 55Page - Texas Instruments PCI1221 Datasheet HTML 56Page - Texas Instruments PCI1221 Datasheet HTML 57Page - Texas Instruments PCI1221 Datasheet HTML 58Page - Texas Instruments PCI1221 Datasheet HTML 59Page - Texas Instruments PCI1221 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
56
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
interrupt pin register
Bit
7
6
5
4
3
2
1
0
Name
Interrupt pin
Type
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
1
1
Register:
Interrupt pin
Type:
Read only
Offset:
3Dh
Default:
Depends on the interrupt signaling mode (sample shown is 03h)
Description
The value read from the interrupt pin register is function dependent and depends on the
interrupt signaling mode, selected through the device control register and the state of the
INTRTIE bit in the system control register. When the INTRTIE bit is set, this register reads
0x01 (INTA) for both functions. See Table 19 for the complete description of the register
contents.
Table 19. Interrupt Pin Register Cross Reference
INTERRUPT SIGNALING MODE
INTRTIE
BIT
INTPIN
FUNCTION 0
INTPIN
FUNCTION 1
Parallel PCI interrupts only
0
0x01 (INTA)
0x02 (INTB)
Parallel IRQ and parallel PCI interrupts
0
0x01 (INTA)
0x02 (INTB)
IRQ serialized (IRQSER) and parallel PCI interrupts
0
0x01 (INTA)
0x02 (INTB)
IRQ and PCI serialized (IRQSER) interrupts (default)
0
0x01 (INTA)
0x02 (INTB)
Parallel PCI interrupts only
1
0x01 (INTA)
0x01 (INTA)
Parallel IRQ and parallel PCI interrupts
1
0x01 (INTA)
0x01 (INTA)
IRQ serialized (IRQSER) and parallel PCI interrupts†
1
0x01 (INTA)
0x01 (INTA)
IRQ and PCI serialized (IRQSER) interrupts†
1
0x01 (INTA)
0x01 (INTA)
† When configuring the PCI1221 functions to share PCI interrupts, multifunction terminal MFUNC3 must
be configured as IRQSER prior to setting the INTRTIE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com