Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 54 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 54 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 50Page - Texas Instruments PCI1221 Datasheet HTML 51Page - Texas Instruments PCI1221 Datasheet HTML 52Page - Texas Instruments PCI1221 Datasheet HTML 53Page - Texas Instruments PCI1221 Datasheet HTML 54Page - Texas Instruments PCI1221 Datasheet HTML 55Page - Texas Instruments PCI1221 Datasheet HTML 56Page - Texas Instruments PCI1221 Datasheet HTML 57Page - Texas Instruments PCI1221 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
54
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
memory limit registers 0, 1
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
Memory limit registers 0, 1
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Memory limit registers 0, 1
Type
R/W
R/W
R/W
R/W
R
R
R
R
R
R
R
R
R
R
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
Memory limit registers 0, 1
Type:
Read only, read/write
Offset:
20h, 28h
Default:
0000 0000h
Description: The Memory limit registers indicate the upper address of a PCI memory address range. These
registers are used by the PCI1221 to determine when to forward a memory transaction to the
CardBus bus and when to forward a CardBus cycle to PCI. Bits 31-12 of these registers are
read/write and allow the memory base to be located anywhere in the 32-bit PCI memory space
on 4K-byte boundaries. Bits 11-0 are read only and always return 0s. Write transactions to
these bits have no effect. Bits 8 and 9 of the bridge control register specify whether memory
windows 0 and 1 are prefetchable or nonprefetchable. The memory base register or the
memory limit register must be nonzero for the PCI1221 to claim any memory transactions
through CardBus memory windows (i.e., these windows are not enabled by default to pass the
first 4K-bytes of memory to CardBus).
I/O base registers 0, 1
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Name
I/O base registers 0, 1
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
I/O base registers 0, 1
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R
R
Default
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Register:
I/O base registers 0, 1
Type:
Read only, read/write
Offset:
2Ch, 34h
Default:
0000 0000h
Description: The I/O base registers indicate the lower address of a PCI I/O address range. These registers
are used by the PCI1221 to determine when to forward an I/O transaction to the CardBus bus
and when to forward a CardBus cycle to the PCI bus. The lower 16 bits of this register locate
the bottom of the I/O window within a 64K byte page, and the upper sixteen bits (31-16) are a
page register which locates this 64K byte page in 32-bit PCI I/O address space. Bits 31-2 are
read/write. Bits 1-0 are read only and always return 0’s, forcing I/O windows to be aligned on a
natural doubleword boundary.
NOTE:
Either the I/O base or the I/O limit register must be nonzero to enable any I/O transactions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com