Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 66 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 66 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 62Page - Texas Instruments PCI1221 Datasheet HTML 63Page - Texas Instruments PCI1221 Datasheet HTML 64Page - Texas Instruments PCI1221 Datasheet HTML 65Page - Texas Instruments PCI1221 Datasheet HTML 66Page - Texas Instruments PCI1221 Datasheet HTML 67Page - Texas Instruments PCI1221 Datasheet HTML 68Page - Texas Instruments PCI1221 Datasheet HTML 69Page - Texas Instruments PCI1221 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
66
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
card control register
Bit
7
6
5
4
3
2
1
0
Name
Card control
Type
R/W
R/W
R/W
R
R
R/W
R/W
R/C
Default
0
0
0
0
0
0
0
0
Register:
Card control
Type:
Read only, read/write, read/clear (see individual bit descriptions)
Offset:
91h
Default:
00h
Description: The card control register is provided for PCI1130 compatibility. RI_OUT is enabled through
this register, and the enable bit is shared between functions 0 and 1. See Table 24 for a
complete description of the register contents.
Table 24. Card Control Register
BIT
SIGNAL
TYPE
FUNCTION
7†
RIENB
R/W
Ring indicate output enable.
0 = Disables any routing of RI_OUT signal (default).
1 = Enables RI_OUT signal for routing to the RI_OUT/PME terminal when
RIMUX is set to 0, and for routing to MFUNC2/4.
6
ZVENABLE
R/W
Compatibility ZV mode enable. When set, the corresponding PC Card Socket interface ZV terminals
enter a high-impedance state. This bit defaults to 0.
5
PORT_SEL
R/W
Port Select. This bit controls the priority for the ZVSEL0 and ZVSEL1 signaling if ZVENABLE is set in
both functions.
0 = Socket 0 takes priority, as signaled through ZVSEL0, when both sockets are in ZV mode.
1 = Socket 1 takes priority, as signaled through ZVSEL1, when both sockets are in ZV mode.
4–3
RSVD
R
Reserved. Bits 4–3 are read only and default to 0.
2
AUD2MUX
R/W
CardBus Audio-to-IRQMUX. When set, the CAUDIO CardBus signal is routed to the corresponding
multifunction terminal which may be configured for CAUDPWM. When both socket 0 and 1 functions
have AUD2MUX set, socket 0 takes precedence.
1
SPKROUTEN
R/W
Speaker out enable. When bit 1 is set, SPKR on the PC Card is enabled and is routed to SPKROUT. The
SPKR signal from socket 0 is exclusive ORed with the SPKR signal from socket 1 and sent to SPKROUT.
The SPKROUT terminal drives data only when either functions SPKROUTEN bit is set. This bit is
encoded as:
0 = SPKR to SPKROUT not enabled
1 = SPKR to SPKROUT enabled
0
IFG
R/C
Interrupt flag. Bit 0 is the interrupt flag for 16-bit I/O PC Cards and for CardBus cards. Bit 0 is set when
a functional interrupt is signaled from a PC Card interface and is socket dependent (i.e., not global). Write
back a 1 to clear this bit.
0 = No PC Card functional interrupt detected (default).
1 = PC Card functional interrupt detected.
† This bit is global and should be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com