Electronic Components Datasheet Search
  English  ▼

X  

PCI1221 Datasheet(PDF) 61 Page - Texas Instruments

Part # PCI1221
Description  PC CARD CONTROLLERS
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1221 Datasheet(HTML) 61 Page - Texas Instruments

Back Button PCI1221 Datasheet HTML 57Page - Texas Instruments PCI1221 Datasheet HTML 58Page - Texas Instruments PCI1221 Datasheet HTML 59Page - Texas Instruments PCI1221 Datasheet HTML 60Page - Texas Instruments PCI1221 Datasheet HTML 61Page - Texas Instruments PCI1221 Datasheet HTML 62Page - Texas Instruments PCI1221 Datasheet HTML 63Page - Texas Instruments PCI1221 Datasheet HTML 64Page - Texas Instruments PCI1221 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 123 page
background image
PCI1221 GHK/PDV
PC CARD CONTROLLERS
SCPS042 – JULY 1998
61
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 21. System Control Register (Continued)
BIT
SIGNAL
TYPE
FUNCTION
15†
MRBURSTDN
R/W
Memory read burst enable downstream. When bit 15 is set, memory read transactions are allowed to
burst downstream.
0 = Downstream memory read burst is disabled.
1 = Downstream memory read burst is enabled (default).
14†
MRBURSTUP
R/W
Memory read burst enable upstream. When bit 14 is set, the PCI1221 allows memory read transactions
to burst upstream.
0 = Upstream memory read burst is disabled (default).
1 = Upstream memory read burst is enabled.
13
SOCACTIVE
R
Socket activity status. When set, bit 13 indicates access has been performed to or from a PC card and
is cleared upon read of this status bit. This bit is socket dependent.
0 = No socket activity (default)
1 = Socket activity
12
RSVD
R
Reserved. Bit 12 is read only and returns 1 when read.
11†
PWRSTREAM
R
Power stream in progress status bit. When set, bit 11 indicates that a power stream to the power switch
is in progress and a powering change has been requested. This bit is cleared when the power stream
is complete.
0 = Power stream is complete and delay has expired.
1 = Power stream is in progress.
10†
DELAYUP
R
Power-up delay in progress status. When set, bit 9 indicates that a power-up stream has been sent
to the power switch and proper power may not yet be stable. This bit is cleared when the power-up
delay has expired.
9†
DELAYDOWN
R
Power-down delay in progress status. When set, bit 10 indicates that a power-down stream has been
sent to the power switch and proper power may not yet be stable. This bit is cleared when the
power-down delay has expired.
8
INTERROGATE
R
Interrogation in progress. When set, bit 8 indicates an interrogation is in progress and clears when
interrogation completes. This bit is socket dependent.
0 = Interrogation not in progress (default)
1 = Interrogation in progress
7
RSVD
R
Reserved. Bit 7 is read only and returns 0 when read.
6
PWRSAVINGS
R/W
Power savings mode enable. When this bit is set, if a CB card is inserted, idle, and without a CB clock,
the applicable CB state machine will not be clocked.
5†
SUBSYSRW
R/W
Subsystem ID (SSID), subsystem vendor ID (SSVID), ExCA ID, and revision register read/write
enable. Bit 5 is shared by functions 0 and 1.
0 = SSID, SSVID, ExCA ID, and revision register are read/write.
1 = SSID, SSVID, ExCA ID, and revision register are read only (default).
4†
CB_DPAR
R/W
CardBus data parity SERR signaling enable
0 = CardBus data parity not signaled on PCI SERR
1 = CardBus data parity signaled on PCI SERR
3-2
RSVD
R
Reserved. This bit is read only and returns 0 when read.
1†
KEEPCLK
R/W
Keep clock. This bit works with PCI and CB CLKRUN protocols.
0 = Allows normal functioning of both CLKRUN protocols.(default)
1 = Does not allow CB clock or PCI clock to be stopped using the CLKRUN protocols.
0
RIMUX
R/W
RI_OUT/PME multiplex enable.
0 = RI_OUT and PME are both routed to the RI_OUT/PME terminal. If both are enabled
at the same time, RI_OUT has precedence over PME.
1 = Only PME is routed to the RI_OUT/PME terminal.
† These bits are global and should be accessed only through function 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com