Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 8 Page - Altera Corporation

Part # EPC8
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 8 Page - Altera Corporation

Back Button EPC8 Datasheet HTML 4Page - Altera Corporation EPC8 Datasheet HTML 5Page - Altera Corporation EPC8 Datasheet HTML 6Page - Altera Corporation EPC8 Datasheet HTML 7Page - Altera Corporation EPC8 Datasheet HTML 8Page - Altera Corporation EPC8 Datasheet HTML 9Page - Altera Corporation EPC8 Datasheet HTML 10Page - Altera Corporation EPC8 Datasheet HTML 11Page - Altera Corporation EPC8 Datasheet HTML 12Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
8
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
APEX II, APEX 20K, Mercury, ACEX 1K, FLEX 10K & FLEX 6000
Device Configuration
APEX 20K, Mercury, ACEX 1K, and FLEX devices can be configured with
EPC4, EPC8, EPC16, EPC2, EPC1, or EPC1441 devices. FLEX 6000 devices
can be configured with EPC1 or EPC1441 devices. APEX II devices can be
configured with EPC2, EPC4, EPC8, and EPC16 devices. The EPC4, EPC8,
EPC16, EPC2, EPC1, or EPC1441 device stores configuration data in its
EPROM array and serially clocks data out with an internal oscillator. The
OE
, nCS, and DCLK pins supply the control signals for the address counter
and the output tri-state buffer. The configuration device sends a serial
bitstream of configuration data to its DATA pin, which is routed to the
DATA0
or DATA input pin on the LUT-based PLD device. Figure 4 shows
an LUT-based PLD configured with a single EPC2, EPC1, or EPC1441
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com