Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 4 Page - Altera Corporation

Part # EPC8
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 4 Page - Altera Corporation

  EPC8 Datasheet HTML 1Page - Altera Corporation EPC8 Datasheet HTML 2Page - Altera Corporation EPC8 Datasheet HTML 3Page - Altera Corporation EPC8 Datasheet HTML 4Page - Altera Corporation EPC8 Datasheet HTML 5Page - Altera Corporation EPC8 Datasheet HTML 6Page - Altera Corporation EPC8 Datasheet HTML 7Page - Altera Corporation EPC8 Datasheet HTML 8Page - Altera Corporation EPC8 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
Table 2 lists the configuration device used with each APEX II, APEX 20K,
Mercury, ACEX 1K, and FLEX device.
Table 2. Configuration Devices Used for Each APEX II, APEX 20K, Mercury, ACEX & FLEX Device
(Part 1 of 2)
Family
Device
Data Size
(Bits)
EPC1064
EPC1064V
EPC1213 EPC1441 EPC1 EPC2 EPC4 EPC8 EPC16
APEX II
(1.5 V)
EP2A15
4,714,000
3
1
1
EP2A25
6,276,000
4
1
1
EP2A40
9,612,000
6
1
1
EP2A70
17,390,000
11
1
Mercury
(1.8 V)
EP1M120
1,297,000
1
1
1
1
EP1M350
4,383,000
3
1
1
APEX 20KC
(1.8 V)
EP20K200C
1,964,000
2
1
1
1
EP20K400C
3,901,000
3
1
1
1
EP20K600C
5,564,000
4
1
1
EP20K1000C
8,938,000
6
1
1
APEX 20KE
(1.8 V)
EP20K30E
347,000
1
1
1
1
1
1
EP20K60E
641,000
1
1
1
1
1
EP20K100E
1,009,000
1
1
1
1
1
EP20K160E
1,523,000
1
1
1
1
EP20K200E
1,964,000
2
1
1
1
EP20K300E
2,733,000
2
1
1
1
EP20K400E
3,901,000
3
1
1
1
EP20K600E
5,564,000
4
1
1
EP20K1000E
8,938,000
6
1
1
EP20K1500E
12,011,000
8
1
1
APEX 20K
(2.5 V)
EP20K100
985,000
1
1
1
1
1
EP20K200
1,950,000
2
1
1
1
EP20K400
3,878,000
3
1
1
1
ACEX 1K
(2.5 V)
EP1K10
178,000
1
1
1
1
1
1
1
EP1K30
470,000
1
1
1
1
1
EP1K50
785,000
1
1
1
1
1
EP1K100
1,337,000
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com