Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 11 Page - Altera Corporation

Part # EPC8
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EPC8 Datasheet HTML 7Page - Altera Corporation EPC8 Datasheet HTML 8Page - Altera Corporation EPC8 Datasheet HTML 9Page - Altera Corporation EPC8 Datasheet HTML 10Page - Altera Corporation EPC8 Datasheet HTML 11Page - Altera Corporation EPC8 Datasheet HTML 12Page - Altera Corporation EPC8 Datasheet HTML 13Page - Altera Corporation EPC8 Datasheet HTML 14Page - Altera Corporation EPC8 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
Altera Corporation
11
Configuration Devices for SRAM-Based LUT Devices Data Sheet
nCASC
(6)
6
12
15
Output
Cascade select output (active low). This output goes
low when the address counter has reached its
maximum value. In a chain of EPC1 or EPC2 devices,
the nCASC pin of one device is connected to the nCS pin
of the next device, which permits DCLK to clock data
from the next EPC1 or EPC2 device in the chain.
nINIT_CONF
(5), (7)
–
13
16
Open-
Drain
Output
Allows the INIT_CONF JTAG instruction to initiate
configuration. This pin is connected to the nCONFIG pin
of the LUT device to initiate configuration from the
EPC2 via a JTAG instruction. If multiple EPC2 devices
are used to configure an ACEX, APEX, FLEX or
Mercury device, only the first EPC2 has its
nINIT_CONF
pin tied to the device’s nCONFIG pin.
TDI
(7)
–
11
13
Input
JTAG data input pin. Connect this pin to VCC if the
JTAG circuitry is not used.
TDO
(7)
–
1
28
Output
JTAG data output pin. Do not connect this pin if the
JTAG circuitry is not used.
TMS
(7)
–
19
25
Input
JTAG mode select pin. Connect this pin to VCC if the
JTAG circuitry is not used.
TCK
(7)
–
3
32
Input
JTAG clock pin. Connect this pin to ground if the JTAG
circuitry is not used.
VCCSEL
(7)
–53Input
Mode select for VCC supply. VCCSEL must be
connected to ground if the device uses a 5.0-V power
supply (i.e., VCC = 5.0 V). VCCSEL must be connected
to VCC if the device uses a 3.3-V power supply (i.e.,
VCC =3.3 V).
VPPSEL
(7)
–
14
17
Input
Mode select for VPP. VPPSEL must be connected to
ground if VPP uses a 5.0-V power supply
(i.e., VPP = 5.0 V). VPPSEL must be connected to VCC
if VPP uses a 3.3-V power supply (i.e, VPP = 3.3 V).
VPP
(7)
–
18
23
Power
Programming power pin. For the EPC2 device, this pin
is normally tied to VCC. If the EPC2 VCC is 3.3 V, VPP
can be tied to 5.0 V to improve in-system programming
times. For EPC1 and EPC1441 devices, VPP must be
tied to VCC.
Table 3. EPC2, EPC1, & EPC1441 Pin Functions During APEX II, APEX 20K, Mercury, ACEX 1K, FLEX 10K
& FLEX 6000 Configuration (Part 2 of 3)
Notes (1), (2)
Pin Name
Pin Number
Pin
Type
Description
8-Pin
PDIP (3)
20-Pin
PLCC
32-Pin
TQFP (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com