Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 30 Page - Altera Corporation

Part # EPC8
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 30 Page - Altera Corporation

Back Button EPC8 Datasheet HTML 26Page - Altera Corporation EPC8 Datasheet HTML 27Page - Altera Corporation EPC8 Datasheet HTML 28Page - Altera Corporation EPC8 Datasheet HTML 29Page - Altera Corporation EPC8 Datasheet HTML 30Page - Altera Corporation EPC8 Datasheet HTML 31Page - Altera Corporation EPC8 Datasheet HTML 32Page - Altera Corporation EPC8 Datasheet HTML 33Page - Altera Corporation EPC8 Datasheet HTML 34Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
30
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
f For EPC4, EPC8, and EPC16 device operating conditions, refer to the
Enhanced Configuration Devices (EPC4, EPC8, & EPC16) Data Sheet.
Table 12. Absolute Maximum Ratings
Note (1)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply voltage
With respect to ground (2)
–2.0
7.0
V
VI
DC input voltage
With respect to ground (2)
–2.0
7.0
V
IMAX
DC VCC or ground current
50
mA
IOUT
DC output current, per pin
–25
25
mA
PD
Power dissipation
250
mW
TSTG
Storage temperature
No bias
–65
150
° C
TAMB
Ambient temperature
Under bias
–65
135
° C
TJ
Junction temperature
Under bias
135
° C
Table 13. Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply voltage for 5.0-V operation
(3), (4)
4.75 (4.50) 5.25 (5.50)
V
Supply voltage for 3.3-V operation
(3), (4)
3.0 (3.0)
3.6 (3.6)
V
VI
Input voltage
With respect to ground
–0.3
V CC + 0.3
(5)
V
VO
Output voltage
0VCC
V
TA
Operating temperature
For commercial use
0
70
° C
For industrial use
–40
85
° C
tR
Input rise time
20
ns
tF
Input fall time
20
ns
Table 14. DC Operating Conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VIH
High-level input voltage
2.0
VCC + 0.3
(5)
V
VIL
Low-level input voltage
–0.3
0.8
V
VOH
5.0-V mode high-level TTL output voltage IOH = –4 mA DC (6)
2.4
V
3.3-V mode high-level CMOS output
voltage
IOH = –0.1 mA DC (6)
VCC – 0.2
V
VOL
Low-level output voltage
IOL = 4 mA DC (6)
0.4
V
II
Input leakage current
VI = VCC or ground
–10
10
µA
IOZ
Tri-state output off-state current
VO = VCC or ground
–10
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com