Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 12 Page - Altera Corporation

Part # EPC8
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 12 Page - Altera Corporation

Back Button EPC8 Datasheet HTML 8Page - Altera Corporation EPC8 Datasheet HTML 9Page - Altera Corporation EPC8 Datasheet HTML 10Page - Altera Corporation EPC8 Datasheet HTML 11Page - Altera Corporation EPC8 Datasheet HTML 12Page - Altera Corporation EPC8 Datasheet HTML 13Page - Altera Corporation EPC8 Datasheet HTML 14Page - Altera Corporation EPC8 Datasheet HTML 15Page - Altera Corporation EPC8 Datasheet HTML 16Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
12
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
Notes to
Table 3:
(1)
Do not use EPC2 devices to configure FLEX 6000 devices.
(2)
Pin-out information for EPC8 and EPC16 configuration devices, please refer to each respective data sheet.
(3)
This package is available for EPC1 and EPC1441 devices only.
(4)
This package is available for EPC2 and EPC1441 devices only.
(5)
The OE, nCS, and nINIT_CONF pins on EPC2 devices have internal, user-configurable 1-k
Ω pull-up resistors. If
internal pull-up resistors are used, external pull-up resistors should not be used on these pins.
(6)
The EPC1441 device does not support data cascading. EPC2 and EPC1 devices support data cascading.
(7)
This pin applies to the EPC2 device only.
APEX II, APEX 20K, Merucry, ACEX 1K, FLEX 10K & FLEX 6000
Device Configuration with Multiple EPC2 or EPC1 Configuration
Devices
When configuration data for APEX II, APEX 20K, Mercury, ACEX 1K,
and FLEX devices exceeds the capacity of a single EPC2 or EPC1
configuration device, multiple EPC2 or EPC1 devices can be cascaded
together. If multiple EPC2 or EPC1 devices are required, the nCASC and
nCS
pins provide handshaking between the devices.
1
EPC8 and EPC16 configuration devices cannot be cascaded
together. The EPC1441 device does not support data cascading.
VCC
7, 8
20
27
Power
Power pin.
GND
5
10
12
Ground Ground pin. A 0.2-
µF decoupling capacitor must be
placed between the VCC and GND pins.
Table 3. EPC2, EPC1, & EPC1441 Pin Functions During APEX II, APEX 20K, Mercury, ACEX 1K, FLEX 10K
& FLEX 6000 Configuration (Part 3 of 3)
Notes (1), (2)
Pin Name
Pin Number
Pin
Type
Description
8-Pin
PDIP (3)
20-Pin
PLCC
32-Pin
TQFP (4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com