Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 14 Page - Altera Corporation

Part # EPC8
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 14 Page - Altera Corporation

Back Button EPC8 Datasheet HTML 10Page - Altera Corporation EPC8 Datasheet HTML 11Page - Altera Corporation EPC8 Datasheet HTML 12Page - Altera Corporation EPC8 Datasheet HTML 13Page - Altera Corporation EPC8 Datasheet HTML 14Page - Altera Corporation EPC8 Datasheet HTML 15Page - Altera Corporation EPC8 Datasheet HTML 16Page - Altera Corporation EPC8 Datasheet HTML 17Page - Altera Corporation EPC8 Datasheet HTML 18Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
Figure 5. APEX II, APEX 20K, Mercury, ACEX 1K, FLEX 10K, or FLEX 6000 Device Configured with Two EPC2
or EPC1 Configuration Devices
Note (1)
Notes to
Figure 5:
(1)
Do not use EPC2 devices to configure FLEX 6000 devices.
(2)
The pull-up resistor should be connected to the same supply voltage as the configuration device.
(3)
All pull-up resistors are 1 k
Ω (APEX 20KE pull-resistors are 10 kΩ). The OE and nCS pins on EPC2 devices have
internal, user-configurable 1-k
Ω pull-up resistors. If internal pull-up resistors are used, external pull-up resistors
should not be used on these pins.
(4)
The diagram shows an APEX II, APEX 20K, Mercury, ACEX 1K, and FLEX device, which has MSEL0 and MSEL1
tied to ground. For FLEX 6000 devices, MSEL is tied to ground, and the DATA0 pin is named DATA. EPC8, EPC16,
and EPC2 devices cannot be used with FLEX 6000 devices. All other connections are the same for FLEX 6000
devices. The Quartus II software uses the internal pull-up resistors by default. To turn off the internal pull-up
resistors, check the Disable nCS and OE pull-ups on configuration device option when generating programming files.
(5)
EPC4, EPC8, and EPC16 devices cannot be cascaded.
(6)
The nINIT_CONF pin is only available on EPC2 devices and has an internal pull up of 1 k
Ω that is always active. If
nINIT_CONF
is not available or not used, nCONFIG must be pulled to VCC either directly or through a 1-kΩ resistor.
(7)
To ensure successful configuration between APEX 20KE and configuration devices in all possible power-up
sequences, pull up nCONFIG to VCCINT.
(8)
To isolate the 1.8-V and 3.3-V power supplies when configuring APEX 20KE devices, add a diode between the
APEX 20KE device’s nCONFIG pin and the configuration device’s nINIT_CONF pin. Select a diode with a threshold
voltage (V T ) less than or equal to 0.7 V. The diode will make the nINIT_CONF pin an open-drain pin; the pin will
only be able to drive low or tri-state.
(9)
The nCEO pin is left unconnected.
VCC
VCC
GND
GND
(2, 3)
DCLK
DATA
nCS
OE
(2, 3)
LUT-Based PLD (4)
MSEL0
MSEL1
DCLK
DATA0
nSTATUS
CONF_DONE
nCONFIG
nCE
Configuration
Device 1
Configuration
Device 2
DCLK
DATA
OE
nCS
nINIT_CONF(6)
(5)
nCASC
APEX 20KE Device
Configuration
Device
DCLK
DATA
OE
nCS
nINIT_CONF (6)
MSEL0
MSEL1
DCLK
DATA0
nSTATUS
CONF_DONE
nCONFIG
VCC
VCC
GND
GND
(2)
(2)
nCE
nCEO
VCCINT
(2)
(9)
(7)
(8)
APEX 20KE Devices
APEX II, APEX 20K, Mercury, ACEX 1K,
FLEX 10K, or FLEX 6000 Devices
N.C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com