Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 1 Page - Altera Corporation

Part # EPC8
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 1 Page - Altera Corporation

  EPC8 Datasheet HTML 1Page - Altera Corporation EPC8 Datasheet HTML 2Page - Altera Corporation EPC8 Datasheet HTML 3Page - Altera Corporation EPC8 Datasheet HTML 4Page - Altera Corporation EPC8 Datasheet HTML 5Page - Altera Corporation EPC8 Datasheet HTML 6Page - Altera Corporation EPC8 Datasheet HTML 7Page - Altera Corporation EPC8 Datasheet HTML 8Page - Altera Corporation EPC8 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
®
Altera Corporation
1
Configuration Devices for
SRAM-Based LUT Devices
December 2002, ver. 12.2
Data Sheet
DS-EPROM-12.2
Features
■
Serial device family for configuring APEXTM II, APEX 20K (including
APEX 20K, APEX 20KC, and APEX 20KE), MercuryTM, ACEX® 1K,
and FLEX® (FLEX 6000, FLEX 10KE, and FLEX 10KA) devices
■
Easy-to-use 4-pin interface to APEX II, APEX 20K, Mercury, ACEX,
and FLEX devices
■
Low current during configuration and near-zero standby current
■
5.0-V and 3.3-V operation
■
Software design support with the Altera® Quartus® II and
MAX+PLUS® II development systems for Windows-based PCs as
well as Sun SPARCstation, and HP 9000 Series 700/800
■
Programming support with Altera’s Master Programming Unit
(MPU) and programming hardware from Data I/O,
BP Microsystems, and other manufacturers
■
Available in compact plastic packages (see Figures 1 and 2)
–
8-pin plastic dual in-line package (PDIP)
–
20-pin plastic J-lead chip carrier (PLCC) package
–
32-pin plastic thin quad flat pack (TQFP) package
–
100-pin plastic thin quad flat pack (TQPF) package
–
88-pin Ultra FineLine BGATM package
■
EPC2 device has reprogrammable Flash configuration memory
–
5.0-V and 3.3-V in-system programmability (ISP) through the
built-in IEEE Std. 1149.1 Joint Test Action Group (JTAG)
interface
–
Built-in JTAG boundary-scan test (BST) circuitry compliant with
IEEE Std. 1149.1
–
ISP circuitry is compatible with IEEE Std. 1532 for EPC2
configuration device
–
Supports programming through Serial Vector Format Files
(.svf), JamTM Standard Test and Programming Language
(STAPL) Files (.jam), Jam STAPL Byte-Code Files (.jbc), and the
MAX+PLUS II software via the MasterBlasterTM,
ByteBlasterMVTM, or BitBlasterTM download cable
–
nINIT_CONF
pin allows a JTAG instruction to initiate device
configuration
–
Can be programmed with Programmer Object Files (.pof) for
EPC1 and EPC1441 devices
–
Available in 20-pin PLCC and 32-pin TQFP packages


Similar Part No. - EPC8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC8 ALTERA-EPC8 Datasheet
456Kb / 34P
1. Enhanced Configuration Devices (EPC4, EPC8, and EPC16) Data Sheet
EPC8 ALTERA-EPC8 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
EPC8 ALTERA-EPC8 Datasheet
633Kb / 36P
Enhanced Configuration (EPC) Devices Datasheet
logo
Clarke International
EPC800 CLARKE-EPC800 Datasheet
3Mb / 12P
ELECTRONIC PUMP CONTROLLER
GC04/22 - REV 3
logo
Efficient Power Convers...
EPC8002 EPC-CO-EPC8002 Datasheet
1Mb / 6P
EPC8002 ??Enhancement Mode Power Transistor
More results

Similar Description - EPC8

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPC1PC8 ALTERA-EPC1PC8 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1PI8 ALTERA-EPC1PI8 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1441PC8 ALTERA-EPC1441PC8 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2LC20N ALTERA-EPC2LC20N Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2TI32 ALTERA-EPC2TI32 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1PI8N ALTERA-EPC1PI8N Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2LI20 ALTERA-EPC2LI20 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2LI20N ALTERA-EPC2LI20N Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC1LC20 ALTERA-EPC1LC20 Datasheet
386Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
EPC2TC32N ALTERA-EPC2TC32N Datasheet
397Kb / 26P
Configuration Devices for SRAM-Based LUT Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com