Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 21 Page - Altera Corporation

Part # EPC8
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 21 Page - Altera Corporation

Back Button EPC8 Datasheet HTML 17Page - Altera Corporation EPC8 Datasheet HTML 18Page - Altera Corporation EPC8 Datasheet HTML 19Page - Altera Corporation EPC8 Datasheet HTML 20Page - Altera Corporation EPC8 Datasheet HTML 21Page - Altera Corporation EPC8 Datasheet HTML 22Page - Altera Corporation EPC8 Datasheet HTML 23Page - Altera Corporation EPC8 Datasheet HTML 24Page - Altera Corporation EPC8 Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Altera Corporation
21
Configuration Devices for SRAM-Based LUT Devices Data Sheet
Figure 9. FLEX 8000 Multi-Device Configuration with Two EPC1 or EPC1213 Configuration Devices
Notes to
Figure 9:
(1)
The pull-resistor should be connected to the same supply voltage as the confiuration device.
(2)
All pull-up resistors are 1 k
Ω.
FLEX 8000 Device 1
"0"
"0"
"0"
Configuration
Device 1
VCC
nCS
OE
DCLK
nS/P
MSEL1
MSEL0
DATA0
nCONFIG
CONF_DONE
nSTATUS
DCLK
nCASC
DATA
VCC
(2)
VCC
VCC
FLEX 8000 Device 2
"0"
"1"
"0"
nS/P
MSEL1
MSEL0
DCLK
DATA0
nCONFIG
CONF_DONE
nSTATUS
FLEX 8000 Device 3
"0"
"1"
"0"
nS/P
MSEL1
MSEL0
DCLK
DATA0
nCONFIG
CONF_DONE
nSTATUS
Configuration
Device 2
nCS
OE
DCLK
DATA
VCC
VCC
VCC
(2)
(2)
(2)
(1)
(1)
(1)
(1)
(1)
(2)
(2)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com