Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 3 Page - Altera Corporation

Part # EPC8
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 3 Page - Altera Corporation

  EPC8 Datasheet HTML 1Page - Altera Corporation EPC8 Datasheet HTML 2Page - Altera Corporation EPC8 Datasheet HTML 3Page - Altera Corporation EPC8 Datasheet HTML 4Page - Altera Corporation EPC8 Datasheet HTML 5Page - Altera Corporation EPC8 Datasheet HTML 6Page - Altera Corporation EPC8 Datasheet HTML 7Page - Altera Corporation EPC8 Datasheet HTML 8Page - Altera Corporation EPC8 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Altera Corporation
3
Configuration Devices for SRAM-Based LUT Devices Data Sheet
Figure 2. EPC2 Package Pin-Out Diagrams
Functional
Description
With SRAM-based devices, configuration data must be reloaded each
time the system initializes, or when new configuration data is needed.
Altera configuration devices store configuration data for SRAM-based
APEX II, APEX 20K, Mercury, ACEX, and FLEX devices. Table 1 lists
Altera configuration devices.
Note to Table 1:
(1)
These devices are one-time programable.
32-Pin TQFP
20-Pin PLCC
1
2
3
4
5
6
7
8
20
19
11
10
912
13
18
17
16
15
14
OE
N.C.
VCCSEL
DCLK
N.C.
VPP
N.C.
N.C.
N.C.
VPPSEL
30
31
32
1
2
3
4
5
29
28
N.C.
N.C.
DCLK
N.C.
VCCSEL
N.C.
24
23
22
21
20
N.C.
VPP
N.C.
N.C.
19
18
17
25
9
16
8
N.C.
OE
N.C.
VPPSEL
N.C.
N.C.
6
7
10
11
12
13
14
15
27
26
Table 1. Configuration Devices
Device
Description
EPC16
16,000,000
× 1 bit with 3.3-V operation
EPC8
8,000,000
× 1 bit with 3.3-V operation
EPC4
4,000,000
× 1-bit device with 3.3-V operation
EPC2
1,695,680
× 1-bit device with 5.0-V or 3.3-V operation
EPC1 (1)
1,046,496
× 1-bit device with 5.0-V or 3.3-V operation
EPC1441 (1)
440,800
× 1-bit device with 5.0-V or 3.3-V operation
EPC1213 (1)
212,942
× 1-bit device with 5.0-V operation
EPC1064 (1)
65,536
× 1-bit device with 5.0-V operation
EPC1064V
65,536
× 1-bit device with 3.3-V operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com