Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 24 Page - Altera Corporation

Part # EPC8
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 24 Page - Altera Corporation

Back Button EPC8 Datasheet HTML 20Page - Altera Corporation EPC8 Datasheet HTML 21Page - Altera Corporation EPC8 Datasheet HTML 22Page - Altera Corporation EPC8 Datasheet HTML 23Page - Altera Corporation EPC8 Datasheet HTML 24Page - Altera Corporation EPC8 Datasheet HTML 25Page - Altera Corporation EPC8 Datasheet HTML 26Page - Altera Corporation EPC8 Datasheet HTML 27Page - Altera Corporation EPC8 Datasheet HTML 28Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
Altera Corporation
Configuration Devices for SRAM-based LUT Devices Data Sheet
3.3-V or 5.0-V Operation
EPC2, EPC1, and EPC1441 devices can configure 5.0-V, 3.3-V, or 2.5-V
devices. For each configuration device, an option must be set for 5.0-V or
3.3-V operation (EPC4, EPC8, and EPC16 devices are 3.3 V). For EPC1 and
EPC1441 configuration devices, the Use Low-Voltage Configuration EPROM
option in the Global Project Device Options dialog box (Assign menu) in
the MAX+PLUS II software sets this parameter. (For APEX 20K, APEX II,
and Mercury devices, the Quartus II software provides a similar option.)
For EPC2 devices, this option is set externally by the VCCSEL pin. In
addition, the EPC2 device has an externally controlled option, set by the
VPPSEL
pin, to adjust the programming voltage to 5.0 V or 3.3 V.
The functions of the VCCSEL and VPPSEL pins are described below.
■
VCCSEL
pin—For EPC2 configuration devices, 5.0-V or 3.3-V
operation is controlled by the VCCSEL option pin. The device
functions in 5.0-V mode when VCCSEL is connected to GND; the
device functions in 3.3-V mode when VCCSEL is connected to VCC.
■
VPPSEL
pin—The EPC2 VPP programming power pin is normally
tied to VCC. For EPC2 devices operating with a 3.3-V supply, it is
possible to improve EPC2 in-system programming times by
providing VPP with a 5.0-V supply. For all other devices, VPP must be
tied to VCC. The EPC2 device’s VPPSEL pin must be set in accordance
with the EPC2 VPP pin. If the VPP pin is supplied by a 5.0-V supply,
VPPSEL
must be connected to GND; if the VPP pin is supplied by a
3.3-V power supply, VPPSEL must be connected to VCC.
Table 8 describes the relationship between the VCC and VPP voltage levels
and the required logic level for VCCSEL and VPPSEL (i.e., high or low
logic level).
Table 8. VCCSEL & VPPSEL Pin Functions on the EPC2
VCC Voltage Level
(V)
VPP Voltage Level
(V)
VCCSEL Pin Logic
Level
VPPSEL Pin Logic
Level
3.3
3.3
High
High
3.3
5.0
High
Low
5.0
5.0
Low
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com