Electronic Components Datasheet Search
  English  ▼

X  

EPC8 Datasheet(PDF) 25 Page - Altera Corporation

Part # EPC8
Description  SRAM-Based LUT Devices
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPC8 Datasheet(HTML) 25 Page - Altera Corporation

Back Button EPC8 Datasheet HTML 21Page - Altera Corporation EPC8 Datasheet HTML 22Page - Altera Corporation EPC8 Datasheet HTML 23Page - Altera Corporation EPC8 Datasheet HTML 24Page - Altera Corporation EPC8 Datasheet HTML 25Page - Altera Corporation EPC8 Datasheet HTML 26Page - Altera Corporation EPC8 Datasheet HTML 27Page - Altera Corporation EPC8 Datasheet HTML 28Page - Altera Corporation EPC8 Datasheet HTML 29Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Altera Corporation
25
Configuration Devices for SRAM-Based LUT Devices Data Sheet
For EPC1 and EPC1441 configuration devices, 3.3-V or 5.0-V operation is
controlled by a programming bit in the POF. The programming bit value
is determined by the core supply voltage of the targeted device during
design compilation with the MAX+PLUS II software. For example, EPC1
devices are programmed automatically to operate in 3.3-V mode when
configuring FLEX 10KA devices, which have a VCC voltage of 3.3 V. In this
example, the EPC1 device’s VCC pin is connected to a 3.3-V power supply.
Designers may choose to set the configuration device for low voltage
when using the MultiVoltTM feature, which allows an ACEX, APEX,
APEX II, FLEX, or Mercury device to bridge between systems operating
with different voltages. When compiling for 3.3-V FLEX 6000 devices, set
the configuration device for low-voltage operation. To set the EPC1 and
EPC1441 configuration devices for low-voltage operation, turn on the
Low-Voltage I/O option in the Global Project Device Options dialog box
(Assign menu) in the MAX+PLUS II software.
Configuration Chain with Multiple Voltage Levels
An EPC2 or EPC1 device can configure a device chain with multiple
voltage levels. All 3.3-V and 2.5-V ACEX, APEX, APEX II, FLEX, and
Mercury devices can be driven by higher-voltage signals.
When configuring a mixed-voltage device chain, the APEX II, APEX 20K,
Mercury, ACEX 1K, or FLEX devices’ VCCINT and VCCIO pins may be
connected to 2.5 V, 3.3 V, or 5.0 V, depending upon the device. The
configuration device may be powered at 3.3 V or 5.0 V. If an EPC1,
EPC1441, EPC1213, EPC1064, or EPC1064V configuration device is
powered at 3.3 V, the nSTATUS and CONF_DONE pull-up resistors must be
connected to 3.3 V. If these configuration devices are powered at 5.0 V, the
nSTATUS
and CONF_DONE pull-up resistors must be connected to 3.3 V or
5.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com