Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02IPM Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 43 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 39Page - Texas Instruments TLC320AC02IPM Datasheet HTML 40Page - Texas Instruments TLC320AC02IPM Datasheet HTML 41Page - Texas Instruments TLC320AC02IPM Datasheet HTML 42Page - Texas Instruments TLC320AC02IPM Datasheet HTML 43Page - Texas Instruments TLC320AC02IPM Datasheet HTML 44Page - Texas Instruments TLC320AC02IPM Datasheet HTML 45Page - Texas Instruments TLC320AC02IPM Datasheet HTML 46Page - Texas Instruments TLC320AC02IPM Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 84 page
background image
3–4
3.5.5
DAC Channel Signal-to-Distortion Ratio, VDD = 5 V, fs = 8 kHz (Unless
Otherwise Noted)
PARAMETER
TEST CONDITIONS
AV = 0 dB
AV = – 6 dB
AV = – 12 dB
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VO = – 6 dB to 0 dB
64
—
—
VO = – 12 dB to – 6 dB
59
64
—
C
VO = – 18 dB to – 12 dB
56
59
64
DAC channel signal-to-
distortion ratio
VO = – 24 dB to – 18 dB
50
56
59
dB
distortion ratio
(see Note 8)
VO = – 30 dB to – 24 dB
44
50
56
dB
(see Note 8)
VO = – 36 dB to – 30 dB
38
44
50
VO = – 42 dB to – 36 dB
32
38
44
VO = – 48 dB to – 42 dB
26
32
38
NOTE 8: The input signal, VI, is the digital equivalent of a 1020-Hz sine wave (full-scale analog output at full-scale digital
input = 0 dB). The nominal differential DAC channel output with this input condition is 6 V peak to peak. The
load impedance for the DAC output buffer is 600
Ω from OUT+ to OUT–.
3.5.6
System Distortion, VDD = 5 V, fs = 8 kHz, FCLK = 144 kHz (Unless Otherwise
Noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Single ended input (see Note 9)
82
Second harmonic
Single-ended input (see Note 9)
82
ADC channel
Second harmonic
Differential input (see Note 9)
64
82
attenuation
Third harmonic and
Single-ended input (see Note 9)
77
higher harmonics
Differential input (see Note 9)
64
77
Single-ended output
(buffered DAC VMID)
82
dB
Second harmonic
(buffered DAC VMID)
(see Note 10)
82
dB
DAC channel
attenuation
Differential output (see Note 10)
64
82
attenuation
Third harmonic and
higher harmonics
Single-ended output
(see Note 10)
77
higher harmonics
Differential output (see Note 10)
64
77
† All typical values are at VDD = 5 V and TA = 25°C.
NOTES:
9. The input signal is a 1020-Hz sine wave for the ADC channel. Harmonic distortion is defined for an input
level of – 1 dB.
10. The input signal is the digital equivalent of a 1020-Hz sine wave (digital full scale = 0 dB). The nominal
differential DAC channel output with this input condition is 6 V peak to peak. The load impedance for the
DAC output buffer is 600
Ω from OUT+ to OUT–. Harmonic distortion is specified for a signal input level
of 0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com