Electronic Components Datasheet Search
  English  ▼

X  

TLC320AC02IPM Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLC320AC02IPM
Description  Single-Supply Analog Interface Circuit
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC320AC02IPM Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC320AC02IPM Datasheet HTML 10Page - Texas Instruments TLC320AC02IPM Datasheet HTML 11Page - Texas Instruments TLC320AC02IPM Datasheet HTML 12Page - Texas Instruments TLC320AC02IPM Datasheet HTML 13Page - Texas Instruments TLC320AC02IPM Datasheet HTML 14Page - Texas Instruments TLC320AC02IPM Datasheet HTML 15Page - Texas Instruments TLC320AC02IPM Datasheet HTML 16Page - Texas Instruments TLC320AC02IPM Datasheet HTML 17Page - Texas Instruments TLC320AC02IPM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 84 page
background image
1–7
A Register
(8 bits)
Divide by 2
576 kHz
B Register
(8 bits)
Divide by 4
1.296 MHz
2.592 MHz
5.184 MHz
10.368 MHz
MCLK
Processor
SCLK
A Register + A
′ Register
(8 bits)
2s Complement
Program Divide
A Counter
(8 bits)
B Counter
288 kHz
FCLK [low-pass filter and
(sin x)/x filter clock]
Conversion
Rate
Single, A-Counter
Period
One-Shot
Phase Shift
Normal
Control
Figure 1–1. Control Flow Diagram
Table 1–1. Operating Frequencies
FCLK
(kHz)
LOW-PASS FILTER
BANDWIDTH
(kHz)
B REGISTER CONTENTS
(Program No. of Filter Clocks)
(Decimal)
CONVERSION
RATE
(kHz)
HIGH-PASS
POLE FREQUENCY
(Hz)
144
3.6
20 (see Note 1)
18
15
10 (see Note 2)
7.2
8
9.6
14.4
36
40
48
72
288
7.2
20 (see Note 1)
18
15
10 (see Notes 2 and 3)
14.4
16
19.2
28.8
72
80
96
144
432
10.8
20 (see Note 1)
18
15 (see Note 3)
10 (see Notes 2 and 3)
21.6
24
28.8
43.2
108
120
144
216
NOTES:
1. The B register can be programmed for values greater than 20; however, since the sample rate is lower than
7.2 kHz and the internal filter remains at 3.6 kHz, an external antialiasing filter is required.
2. When the B register is programmed for a value less than 10, the ADC and the DAC conversions are not
completed before the next frame-sync signal and the results are in error.
3. The maximum sampling rate for the ADC channel is 43.2 kHz. The maximum rate for the DAC channel is
25 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com